Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-701 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-701
Description  LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual GbE LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-701 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-701 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-701 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
All product specifications are subject to change without notice
Last updated : 11-Jan-2013
Features
AIMB-701
LGA1155 Intel® Core™ i7/i5/i3/Pentium ATX
with DVI/VGA, Dual GbE LAN
ƒ Supports Intel® Core™ i7/i5/i3/Pentium processor with H61 chipset
ƒ Two DIMM sockets support up to 16 GB DDR3 1066/1333/1600
ƒ Supports dual display VGA/DVI-D and dual GbE LAN
ƒ Supports RS232/422/485 with auto flow control
ƒ Supports One PCIe x16 and 5 PCI expansion slots
Watchdog
H/W Monitor
SMBus
Monitoring
Utilities:
Software APIs:
Specifications
Processor System
CPU
Core i7 3xxx/2xxx
Core i5 3xxx/2xxx
Core i3 3xxx/2xxx
Pentium G8xx
Speed
3.4 GHz
3.4/3.3 GHz
3.4 GHz
2.9 GHz
L3 Cache
8 MB
6 MB
3 MB
3 MB
Socket
LGA1155
Chipset
H61
BIOS
AMI 64 Mbit SPI
Expansion Slot
PCI
32-bit/33 MHz, 5 slots
PCIe x 1 (Gen2)
500MB/s, 1 slot for G2 SKU
PCIe x 4 (Gen2)
2.0GB/s, 1 slot for VG SKU
PCIe x16 (Gen3)
16 GB/s, 1 slot (PCIe Gen3 is supported by Core i7/i5 3xxx series processors)
Memory
Technology
Dual Channel DDR3 1066/1333/1600 (1600 is only supported by Core i7/i5/i3 3xxx series processors)
Max. Capacity
16 GB
Socket
2 x 240-pin DIMM
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82579V, GbE LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
4
Rear I/O
VGA
1
DVI
1 for G2 version
Ethernet
2 for G2 version; 1 for VG version
USB
4
Audio
2 (Mic-in, Line-out)
Serial
2 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connectors
USB
6
Serial
4 for G2 version (3 x RS-232, 1 x RS-232/422/485 with auto-flow control)
IDE
-
SATA
4
Parallel
1
IrDA
1
DIO
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
Intel i7 2600 3.4 GHz processor, 4 GB UNB DDR3 Memory x2pcs
3.3 V
5 V
12 V
5 Vsb
1.01 A
1.08 A
5.48 A
1.76 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
(Depends on CPU speed and cooler solution)
-40 ~ 85° C (-40 ~ 185° F)
Physical Characteristics
Dimensions
304.8 x 244 mm (12" x 9.6")
GPIO1 COM6
4 SATA II
COM5
COM4
COM3
KBMS1
COM12
LPT1
DDR3 1333/1600
Mhz max 16 GB
USB10
USB9
5 PCI
USB5, 6
USB7, 8
LANLED1
PCIe x4 or x1
LAN2_USB34
PCIEX16_1
AUDIO1
VGA1+DVI1
LAN1_USB12
NEW


Similar Part No. - AIMB-701

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-701 ADVANTECH-AIMB-701 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
More results

Similar Description - AIMB-701

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
AIMB-781 ADVANTECH-AIMB-781 Datasheet
2Mb / 2P
LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual Gigabit LAN, DDR3, SATA III
PCA-6028VG-00A1E ADVANTECH-PCA-6028VG-00A1E Datasheet
1Mb / 2P
LGA1150 Intel짰 Core??i7/i5/i3/Pentium SBC with VGA/DVI/Dual GbE LAN
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Advantech Co., Ltd.
SIMB-A21 ADVANTECH-SIMB-A21 Datasheet
321Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
AIMB-782 ADVANTECH-AIMB-782_V01 Datasheet
660Kb / 2P
LGA1155 3rd Generation Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, DDR3, SATA III
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com