Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-701 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-701
Description  LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual GbE LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-701 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-701 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-701 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
AIMB-701
Ordering Information
Part Number
Chipset
Memory
Display
USB 2.0
COM
GbE LAN
PCIe x1
PCIe x4
SW RAID
AIMB-701G2-00A1E
H61
Non-ECC
VGA + DVI
10
6
2
Yes
NA
NA
AIMB-701VG-00A1E
H61
Non-ECC
VGA
10
2
1
NA
Yes
NA
Riser Card
Part Number
Description
AIMB-R4104-01A1E
1U riser card with 1 PCIe x4 expansion
AIMB-R430P-03A2E
2U riser card with 3 PCI expansion
Bracket View
Packing List
Description
Quantity
SATA HDD cable
x 2
SATA power cable
x 2
I/O port bracket
x 1
Startup manual
x 1
Driver CD
x 1
Optional Accessories
Part Number
Description
1700002204
Dual port USB cable (27 cm) with bracket
1960047669N001
LGA1155/1156 CPU cooler for 4U and wallmount chassis
1960047831N001
LGA1155/1156 CPU cooler for 2U and wallmount chassis
1960052651N001
LGA1155/1156 CPU cooler for 2U and wallmount chassis
1700008809
Printer port cable kit (25 cm)
1700020294-01
Printer port cable kit (42 cm)
1701092300
COM port cable kit
1701260305
COM + Printer Port Cable Kit
Note: Purchasing AIMB-701'S proprietary CPU cooler from Advantech is a must. Other
brands' CPU coolers are NOT compatible with AIMB-701.
AIMB-701G2-00A1E
AIMB-701VG-00A1E
Intel LGA 1155
Ivy Bridge/
Sandy Bridge
Processors
Channel A
One PCIe x 16 slot
1 PCIe x 16
Gen 3.0/2.0
PCIe x 1
Gen 2.0
HD Audio
Interface
DP
300MB/s
USB 2.0
10 USB 2.0
ALC892 Intel HD
Audio Codec
64 Mbit
BIOS
Flash
Nuvoton
NCT6776
G-LAN2 :
Intel 82583V (G2)
PCIe X1
PCIe to PCI Bridge
ITE 8892
H61
VGA D-Sub
DDR3 1066/1333/1600
Channel B
DDR3 1066/1333/1600
4 SATA Ports
Level Shifter,
TBD
DVI
X4 & X1 co-Lay
G-LAN1 :
Intel 82579V (PHY)
PCIe x1
Gen 2.0
1 PCIe x8 slot (x4 link)
1 PCIe x1 slot (x1 link)
PCI Arbiter
2 PCI slots
3 PCI slots
Fintek
81216AD
2 RS 232
1 LPT
1 RS 232/422/485
3 RS 232
PCIe x 4
Gen 2.0
PCIe x 1
Gen 2.0


Similar Part No. - AIMB-701

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-701 ADVANTECH-AIMB-701 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
More results

Similar Description - AIMB-701

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
AIMB-781 ADVANTECH-AIMB-781 Datasheet
2Mb / 2P
LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual Gigabit LAN, DDR3, SATA III
PCA-6028VG-00A1E ADVANTECH-PCA-6028VG-00A1E Datasheet
1Mb / 2P
LGA1150 Intel짰 Core??i7/i5/i3/Pentium SBC with VGA/DVI/Dual GbE LAN
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Advantech Co., Ltd.
SIMB-A21 ADVANTECH-SIMB-A21 Datasheet
321Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
AIMB-782 ADVANTECH-AIMB-782_V01 Datasheet
660Kb / 2P
LGA1155 3rd Generation Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, DDR3, SATA III
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com