Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS-4U4320-8S01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SYS-4U4320-8S01
Description  4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4320-8S01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SYS-4U4320-8S01 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4320-8S01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pre-configured Systems
All product specifications are subject to change without notice
Last updated : 1-Nov-2012
Features
SYS-4U4320-8A01
SYS-4U4320-8S01
4U Intel® Core™ i7/i5/i3
LGA1155 ATX/SBC System with
Dual SATA/SAS HDD Trays
Specifications
Model
SYS-4U4320-8A01
SYS-4U4320-8S01
Processor System
Chipset
Intel Q67
Intel Q67
CPU
Core i7 2600
3.4 GHz
Core i5 2xxx
3.3 GHZ
Core i3 2xxx
3.3 GHz
Core i7 2600
3.4 GHz
Core i5 2xxx
3.3 GHZ
Core i3 2xxx
3.3 GHz
L2 Cache
8 MB
6 MB
3 MB
8 MB
6 MB
3 MB
Front Side Bus
-
-
Memory
DDR3 1066/1333 MHz Max. 8 GB
DDR3 1066/1333 MHz Max. 8 GB
Graphics
Controller
Intel HD Graphics
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above
system memory installed
1 GB maximum shared memory with 2 GB and above
system memory installed
Expansion Slot
PCIe x16
1
1
PCIe x1
1
1
PCI
4
4
Drive Bay
Slim Odd Bay
-
-
5.25" Front-Accessible
2
2
3.5" Front-Accessible
2
2
3.5" Internal
-
-
2.5" Internal
-
-
Ethernet
Interface
10/100/1000 Mbps Gigabit Ethernet
10/100/1000 Mbps Gigabit Ethernet
Controller
Intel 82579LM, Intel 82583V
Intel 82579LM, Intel 82583V
Front I/O Interface
USB
2
2
Rear I/O Interface
USB
4
1
PS/2
2
1
COM
2
-
VGA
1VGA+ 1DVI
1
Parallel
-
-
RJ-45
2
2
Watchdog Timer
Output
Interrupt, system reset
Interrupt, system reset
Interval
Programmable, 1~255 sec/min
Programmable, 1~255 sec/min
Power Supply
Power Output Wattage
400 W
400 W
Input Range
AC 100 ~ 240 V
AC 100 ~ 240 V
Cooling
Chassis Fan
2 (12 cm /85 CFM each) / 1 (12 cm /114 CFM) +
1 (6 cm /28 CFM)
2 (12 cm /85 CFM each) / 1 (12 cm /114 CFM) +
1 (6 cm /28 CFM)
Air Filter
Yes
Yes
Miscellaneous
LED Indicators
Power status and HDD activity
Power status and HDD activity
Environment
Operating
Non-operating
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~
104° F)
-20 ~ 60° C (-4~140° F)
0 ~ 40° C (32 ~
104° F)
-20 ~ 60° C (-4~140° F)
Humidity
10 ~ 85% @
40° C
10 ~ 95% @ 40° C
10 ~ 85% @
40° C
10 ~ 95% @ 40° C
Physical Characteristics
Dimension
482 x 177 x 479 mm (19" x 7.0" x 18.9")
482 x 177 x 479 mm (19" x 7.0" x 18.9")
Weight
16 kg (35 lb)
16 kg (35 lb)
ƒ Intel® Q67 platform
- Supports Intel® Core™ i7/i5/i3 LGA1155 up to 3.4 GHz
- Supports DDR3 1066/1333 MHz
ƒ Easy data mirroring
- Supports two SATA/SAS HDD mobile racks for data mirroring
ƒ Expandability
- Supports numerous PCI/PCIe add-on cards
- Great scalability with one 3.5" and three 5.25" front-accessible drive bays
ƒ LED indicators and alarm notification for system fault detection and network
connection
ƒ Lockable front door prevents unauthorized access
NEW


Similar Part No. - SYS-4U4320-8S01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4320-8A01 ADVANTECH-SYS-4U4320-8A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
More results

Similar Description - SYS-4U4320-8S01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4320-8A01 ADVANTECH-SYS-4U4320-8A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
SYS-2U2320-8A01 ADVANTECH-SYS-2U2320-8A01 Datasheet
1Mb / 2P
   2U Intel짰 Core??i7/i5/i3 LGA1155 ATX System with Dual Mobile SATA/SAS HDD Trays
SYS-2U2320-7A01 ADVANTECH-SYS-2U2320-7A01 Datasheet
2Mb / 2P
   2U Intel짰 Core??i7/i5/i3 LGA1155 ATX system with Dual Mobile SATA/SAS HDD Trays
SYS-4U4320-7S01 ADVANTECH-SYS-4U4320-7S01 Datasheet
2Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA 1155 ATX/PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-4U4320-7A01 ADVANTECH-SYS-4U4320-7A01 Datasheet
2Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA 1155 ATX/PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-4U4362-7A01 ADVANTECH-SYS-4U4362-7A01 Datasheet
264Kb / 1P
   4U Intel짰 Core??i7/i5/i3 ATX System with 6 Hot-Swap SATA/SAS Trays for RAID
SYS-4U4320-4A02 ADVANTECH-SYS-4U4320-4A02 Datasheet
723Kb / 2P
   4U Intel짰 Core??2 Quad ATX/SBC System with Dual SATA HDD Trays
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
SYS-1U1320-4S01 ADVANTECH-SYS-1U1320-4S01 Datasheet
2Mb / 2P
   1U Intel짰 Core??2 Quad ATX/ PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-4U4000-7A01 ADVANTECH-SYS-4U4000-7A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 ATX/ SBC System with Visual & Audible Alarm Notification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com