Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS-4U4320-8S01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SYS-4U4320-8S01
Description  4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4320-8S01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SYS-4U4320-8S01 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4320-8S01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
SYS-4U4320-8A01
SYS-4U4320-8S01
Ordering Information
Please visit Advantech eStore for order entry.
http://buy.advantech.com/
System Contents
Model Number
Item
Part Number
SYS-4U4320-8A01
Chassis
ACP-4320MB-00XE
Motherboard
AIMB-781QG2-00A1E
Power Supply
PS-400ATX-ZBE
SYS-4U4320-8S01
Chassis
ACP-4320BP-00XE
SBC
PCE-5126QG2-00A1E
Backplane
PCE-5B10-04A1E
Power Supply
PS-400ATX-ZBE
Front View
CD-ROM
SATA HDD
mobile rack
LED indicators
for power, fan,
temperature,
HDD
Inside View
Easy-to-replace
system fan
design
101.6 [4.0]
92
[3.6]
92
[3.6]
92
[3.6]
98
[3.9]
492.3 [19.4]
477.4 [18.8]
47.9 [1.9]
177 [7.0]
177 [7.0]
101.6 [4.0]
47.9 [1.9]
477.4 [18.8]
492.3 [19.4]
98
[3.9]
92
[3.6]
92
[3.6]
92
[3.6]
Dimensions
Unit: mm [inch]
SYS-4U4320-8A02
SYS-4U4320-8S02


Similar Part No. - SYS-4U4320-8S01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4320-8A01 ADVANTECH-SYS-4U4320-8A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
More results

Similar Description - SYS-4U4320-8S01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4320-8A01 ADVANTECH-SYS-4U4320-8A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
SYS-2U2320-8A01 ADVANTECH-SYS-2U2320-8A01 Datasheet
1Mb / 2P
   2U Intel짰 Core??i7/i5/i3 LGA1155 ATX System with Dual Mobile SATA/SAS HDD Trays
SYS-2U2320-7A01 ADVANTECH-SYS-2U2320-7A01 Datasheet
2Mb / 2P
   2U Intel짰 Core??i7/i5/i3 LGA1155 ATX system with Dual Mobile SATA/SAS HDD Trays
SYS-4U4320-7S01 ADVANTECH-SYS-4U4320-7S01 Datasheet
2Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA 1155 ATX/PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-4U4320-7A01 ADVANTECH-SYS-4U4320-7A01 Datasheet
2Mb / 2P
   4U Intel짰 Core??i7/i5/i3 LGA 1155 ATX/PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-4U4362-7A01 ADVANTECH-SYS-4U4362-7A01 Datasheet
264Kb / 1P
   4U Intel짰 Core??i7/i5/i3 ATX System with 6 Hot-Swap SATA/SAS Trays for RAID
SYS-4U4320-4A02 ADVANTECH-SYS-4U4320-4A02 Datasheet
723Kb / 2P
   4U Intel짰 Core??2 Quad ATX/SBC System with Dual SATA HDD Trays
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
SYS-1U1320-4S01 ADVANTECH-SYS-1U1320-4S01 Datasheet
2Mb / 2P
   1U Intel짰 Core??2 Quad ATX/ PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-4U4000-7A01 ADVANTECH-SYS-4U4000-7A01 Datasheet
1Mb / 2P
   4U Intel짰 Core??i7/i5/i3 ATX/ SBC System with Visual & Audible Alarm Notification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com