Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9467BCPZ-200 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9467BCPZ-200
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467BCPZ-200 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9467BCPZ-200 Datasheet HTML 2Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 3Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 4Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 5Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 6Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 7Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 8Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 9Page - Analog Devices AD9467BCPZ-200 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 6 of 32
DIGITAL SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.3 V, AVDD3 = 1.8 V, DRVDD = 1.8 V, specified maximum sampling rate, 2.5 V p-p differential input, 1.25 V
internal reference, AIN = −1.0 dBFS, DCS on, default SPI settings, unless otherwise noted.
Table 3.
AD9467BCPZ-200
AD9467BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
250
mV p-p
Input Common-Mode Voltage
Full
0.8
0.8
V
Input Resistance (Differential)
25°C
20
20
kΩ
Input Capacitance
25°C
2.5
2.5
pF
LOGIC INPUTS (SCLK, CSB, SDIO)
Logic 1 Voltage
Full
1.2
3.6
1.2
3.6
V
Logic 0 Voltage
Full
0.3
0.3
V
Input Resistance
25°C
30
30
kΩ
Input Capacitance
25°C
0.5
0.5
pF
LOGIC OUTPUT (SDIO)3
Logic 1 Voltage (IOH = 800 μA)
Full
1.7/3.1
1.7/3.1
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.3
0.3
V
DIGITAL OUTPUTS (D0+ to D15+, D0− to
D15−, DCO+, DCO−, OR+, OR−)
Logic Compliance
LVDS
LVDS
Differential Output Voltage (VOD)
Full
247
545
247
545
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
1.125
1.375
V
Output Coding (Default)
Offset binary
Offset binary
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
This is specified for LVDS and LVPECL only.
3
This depends on if SPIVDD is tied to a 1.8 V or 3.3 V supply.


Similar Part No. - AD9467BCPZ-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9467BCPZ-200 AD-AD9467BCPZ-200 Datasheet
985Kb / 34P
   Analog-to-Digital Converter
More results

Similar Description - AD9467BCPZ-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com