Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMX-750 Datasheet(PDF) 1 Page - SL Power Electronics

Part # NMX-750
Description  750 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

NMX-750 Datasheet(HTML) 1 Page - SL Power Electronics

  NMX-750 Datasheet HTML 1Page - SL Power Electronics NMX-750 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
NMX-750
Featuring:
• Forced current sharing for N +1
redundancy
• Remote sense on outputs #1 and 2
• Universal AC input
• 0.99 typical power factor
• Dual converter design eliminates
interaction between logic and
auxiliary outputs
• Low ripple and noise on all outputs
• DC power good and AC power fail
signals
• True remote inhibit
• Monotonic turn-on and turn-off
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
NMX-753-0512
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
NMX-754-1205
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
5.2V @ 5A
NMX-754-1212
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
12V @ 5A
NMX-754-1224
750
+5V @ 120A
+12V @ 12/20A pk
-12V @ 10A
24V @ 3A
NMX-754-1512
750
+5V @ 120A
+15V @ 10A
-15V @ 10A
12V @ 5A
NMX-754-1524
750
+5V @ 120A
+15V @ 10A
-15V @ 10A
24V @ 3A
750 WATTS
POWER FACTOR CORRECTED
MULTIPLE OUTPUT, FORCED CURRENT SHARING
STANDARD NMX SERIES
The smallest, most capable 750 W
power supply of its kind.
Condor has developed the NMX Series
of power supplies to meet the global mar-
ket’s demand for increased performance
and reliability. In the NMX, universal input,
smaller volume and added features have
been achieved without compromising
Condor’s superior reliability. Condor
engineers have perfected a unique
converter that operates up to 350 kHz,
with increased efficiency. This allows us
to make smaller power supplies without
the penalty of higher operating temperatures.
Refined use of surface mount technology
allows Condor to add performance features
such as forced current sharing and power
factor correction. It also assures enhanced
reliability through the reduction of circuit
board area and the number of through-hole
components.


Similar Part No. - NMX-750

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1003-0512 SLPOWER-NMX-1003-0512 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1004-1203 SLPOWER-NMX-1004-1203 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1004-1205 SLPOWER-NMX-1004-1205 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1004-1212 SLPOWER-NMX-1004-1212 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
More results

Similar Description - NMX-750

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-500 SLPOWER-NMX-500 Datasheet
123Kb / 2P
   500 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
PCI-200 SLPOWER-PCI-200 Datasheet
123Kb / 2P
   200 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
PCI-300 SLPOWER-PCI-300 Datasheet
116Kb / 2P
   300 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
DMX-500 SLPOWER-DMX-500 Datasheet
145Kb / 2P
   500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
   500-1000 Watts Single Output, Forced Current Sharing
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
   350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com