Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMX-750 Datasheet(PDF) 2 Page - SL Power Electronics

Part # NMX-750
Description  750 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

NMX-750 Datasheet(HTML) 2 Page - SL Power Electronics

  NMX-750 Datasheet HTML 1Page - SL Power Electronics NMX-750 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
FUNCTION
115 VAC
230 VAC
CONNECTOR
TB1-
Line
Line 1
TB1-
Neutral
Line 2
TB1-
Safety Ground
Safety Ground
FUNCTION
LOCATION
NOTES
CONNECTOR
Output #1
Terminal marked +V
Main Output
Terminal marked -V
Rtn (Common)
Output #2
J6-3,11, 4, 12
J6-5, 13, 6, 14, 7, 15
Rtn (Common)
Output #3
J6-8, 16
J6-5, 13, 6, 14, 7, 15
Rtn (Common)
Output #4
J6-1, 9
(+) Floating Output
J6- 2, 10
(–) Floating Output
SPECIFICATIONS: ALL MODELS
INPUT
AC Input: 90-264 Vac continuous range, 47 to 63 Hz. Internally fused for 15 A.
Power Factor: 0.99 typical at full load. Meets EN61000-3-2.
Inrush: Cold start AC current is less than 50 A at 115 Vac and 100 A at 230 Vac. Limited by
thermistor.
Brownout Protection: Holds regulation to 85 Vac.
Holdup Time: 20 ms minimum after removal of power at full load.
Efficiency: 75% typical.
AC Power Fail: Provides TTL “0” 5 ms before output voltage goes out of regulation band
upon loss of AC power.
OUTPUT
Adjustability: Outputs #1 and 2 user adjustable ±5% minimum. Output #3 tracks #2; initial
accuracy ±4%. Output #4 user adjustable ±5% minimum, or +5% only if voltage is 5.2 V.
Line & Load Reg: Outputs #1, 2, and 4 hold ±1% over AC input range and 0 to 100% load
change. Output #3 requires 20% minimum load on outputs #2 and 3 to hold ±4%.
Ripple & Noise: Less than 1% p-p or 100 mV, whichever is greater.
Remote Sense (Outputs #1 and 2): Compensates for 250 mV total line drop. Open sense lead
protection. (See Redundancy, below.)
Temperature Coefficient (Outputs #1, 2, and 4): 0.02% per degree C.
Stability: 0.1% over 8 hours after 30 minutes warm-up.
Transient Response (Outputs #1, 2, and 4): Output voltage returns to within 1% in less than
500 µs for a 50% load change. Peak transient does not exceed 5%.
Overload Protection: All outputs are protected against overload and short circuit. Automatic
recovery upon removal of fault.
Overvoltage Protection (Outputs #1 and 2): Protects load against power supply induced over
voltage. Trip point is factory set so that output voltage cannot exceed 136% of nominal.
Peak Output Current: Dual current ratings define continuous and peak currents. The peak
current shown can be delivered for a maximum period of 30 seconds.
Remote Inhibit: Contact closure to the negative sense line or a TTL level “0” turns off DC
outputs.
DC Power Good: Provides a TTL “1” when output #1 is above 4.6 V nominal.
Redundancy: External OR-ing diodes and forced current sharing on output #1 provide “N+1”
capability. Remote Sense (+S) compensates for additional 0.6 V diode voltage drop. When
the current sharing terminal is connected between units, current sharing remains within
10% of the unit’s full output current rating.
ENVIRONMENTAL
Thermal Protection: Shuts down power supply if overheated. Automatic recovery.
Temperature Range: 0° to 50° C at full ratings.
Safety Agencies: Most models are approved to UL1950; CSA 22.2 #234; IEC 950 and TÜV
EN60950, Class 1 SELV., CE 72/23/EEC/93/68EEC (low voltage directive)..
Conducted RFI: Meets FCC Part 15, Subpart J, Class A; EN55022 Class B; CISPR 22 Class B.
750 WATTS
12.92”x 5”x 2.5”
NMX-750
DC OUTPUT
AMP # 770974-1
mates with connector
#770583-1 with
sockets #171639-1
(AWG #20 to #16)
Bus bars
#1/4-20 screws
Barrier strip
# 6-32 screws
3/8” centers
Output Isolation: Isolated from ground 50 Vdc.
Reverse Voltage: Protected against reverse voltage up to supply current rating.
Cooling: Self cooled with internal ball-bearing fans.
OPTIONS:
Option “B”, Barrier Strip: Provides auxiliary output connections on #6-32 terminal screws
with 3/8˝ centers.
Consult factory for other available options.
AC INPUT (90-264 VAC Continuous Range)
FUNCTION
LOCATION
NOTES
CONNECTOR
Remote Sense
J1-5
Output #1 Sense
J1-4
Output #1 Sense Rtn
DC Power Good
J1-3
Reference to Common
Inhibit
J1-2
when #1 Sense Rtn is
Current Share
J1-1
Terminated
Remote Sense
J3-1
Output #2 Sense
J1-4
Output #2 Sense Rtn
AC Power Fail
J3-3
Reference to Common
STATUS AND CONTROL
AMP MTA type
#640456-5 pin
header (locking)
AMP MTA type
#640456-4 pin
header (locking)
Dimensions:
Inches
Millimeters
NMX-750
5.0 lbs - 2.3 kgs
(L )
(N)
( )


Similar Part No. - NMX-750

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1003-0512 SLPOWER-NMX-1003-0512 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1004-1203 SLPOWER-NMX-1004-1203 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1004-1205 SLPOWER-NMX-1004-1205 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1004-1212 SLPOWER-NMX-1004-1212 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
More results

Similar Description - NMX-750

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-500 SLPOWER-NMX-500 Datasheet
123Kb / 2P
   500 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
PCI-200 SLPOWER-PCI-200 Datasheet
123Kb / 2P
   200 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
PCI-300 SLPOWER-PCI-300 Datasheet
116Kb / 2P
   300 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
DMX-500 SLPOWER-DMX-500 Datasheet
145Kb / 2P
   500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
   500-1000 Watts Single Output, Forced Current Sharing
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
   350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com