Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPRUG21 Datasheet(PDF) 113 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 113 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 109Page - Texas Instruments SPRUG21 Datasheet HTML 110Page - Texas Instruments SPRUG21 Datasheet HTML 111Page - Texas Instruments SPRUG21 Datasheet HTML 112Page - Texas Instruments SPRUG21 Datasheet HTML 113Page - Texas Instruments SPRUG21 Datasheet HTML 114Page - Texas Instruments SPRUG21 Datasheet HTML 115Page - Texas Instruments SPRUG21 Datasheet HTML 116Page - Texas Instruments SPRUG21 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.7.2
Warm Reset
A warm reset will reset everything on the chip except the AIF, FSYNC, PLLs, PLL Controllers, test, and
emulation logic. POR should also remain de-asserted during this time.
1. XWRST pin is pulled active low for a minimum of 24 CLKIN1 cycles. The reset signals flow to the
modules reset by warm reset and sends a tri-state signal to most the I/O pads, to prevent off chip
contention.
2. Once all logic is reset, RESETSTAT is driven active to denote that the device is in reset.
3. XWRST pin can now be released. A minimal device initialization begins to occur. Note that
configuration pins are not re-latched and clocking is unaffected within the device.
4. After device initialization is complete, the RESETSTAT pin is de-asserted (driven high).
During warm reset, the DDR2 SDRAM memory content can be retained if the user places the DDR2
SDRAM in self-refresh mode before invoking the warm reset; however, warm reset will reset the DDR2
EMIF registers. The software needs to re-program all DDR2 EMIF registers to correct values after warm
reset.
7.7.3
System Reset
System reset is initiated by the emulator or by the RapidIO module. It is triggered by clicking on the
Debug
→ Advanced Resets → System Reset menu in Code Composer Studio using the emulator.
System reset is also triggered by RIOINT[6], which is connected to the reset controller. It is considered a
soft reset, meaning memory contents are maintained, it does not affect the clock logic, or the power
control logic of the peripherals.
1. The RESETSTAT pin goes low to indicate an internal reset is being generated. The reset is allowed to
propagate through the system. Internal system clocks are not affected. PLLs also remain locked.
2. The boot sequence is started after the system clocks are restarted. Since the configuration pins
(including the BOOTMODE[3:0] pins) are not latched with a System Reset, the previous values, as
shown in the DEVSTAT register, are used to select the boot mode.
7.7.4
CPU Reset
(Timer 64 3, 4, and 5) can provide a local CPU reset if they are setup in watchdog mode. Timer64 3, 4,
and 5 are allowed to reset C64x+ Megamodule Core 0, C64x+ Megamodule Core 1, and C64x+
Megamodule Core 2, respectively.
7.7.5
Reset Priority
If any of the above reset sources occur simultaneously, the PLLCTRL only processes the highest priority
reset request. The reset request priorities are as follows (high to low):
•
Power-on Reset
•
Warm Reset
•
System Reset
•
CPU Reset
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
113
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com