Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS2014 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2014
Description  N-Channel 20 V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2014 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTS2014 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2014 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
N-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converters
Load Switch for Portable Applications
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
e
Qg (Typ.)
20
0.024 at VGS = 4.5 V
5.2a
8.8 nC
0.033 at VGS = 2.5 V
5a
0.036 at VGS = 1.8 V
4.6
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
e. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
5.2a
A
TC = 70 °C
5
TA = 25 °C
5b, c
TA = 70 °C
4b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.75
TA = 25 °C
1.04b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.1
W
TC = 70 °C
1.3
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
80
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
60
G
S
D
Top View
2
3
SOT-23
1
DTS2014
www.din-tek.jp


Similar Part No. - DTS2014

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2012 DINTEK-DTS2012 Datasheet
306Kb / 9P
   N-Channel 30 V (D-S) MOSFET
DTS2012 DINTEK-DTS2012 Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTS2012 DINTEK-DTS2012_13 Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS2014

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2300A DINTEK-DTS2300A_13 Datasheet
981Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTU30N02 DINTEK-DTU30N02_13 Datasheet
1Mb / 9P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTS2212 DINTEK-DTS2212_13 Datasheet
366Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET Halogen-free
DTM9936 DINTEK-DTM9936_13 Datasheet
1Mb / 9P
   Dual N-Channel 20-V (D-S) MOSFET Halogen-free
DTE2311 DINTEK-DTE2311_13 Datasheet
1Mb / 7P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTS2305 DINTEK-DTS2305_13 Datasheet
552Kb / 9P
   P-Channel 20 V (D-S) MOSFET Halogen-free
DTM9425 DINTEK-DTM9425 Datasheet
1Mb / 8P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com