Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT2100-AU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT42QT2100-AU
Description  QTouch Touch Sensor IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT2100-AU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT42QT2100-AU Datasheet HTML 3Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 4Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 5Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 6Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 7Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 8Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 9Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 10Page - ATMEL Corporation AT42QT2100-AU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
AT42QT2100 [DATASHEET]
9554E–AT42–01/13
2.5
Proximity Effect
Any number of keys can be programmed to have hand or body proximity. By using a relatively large electrode inside
the product enclosure and a larger value of CsB, the product can auto power up or activate its display with hand
approach. This simple feature can add enormous sales appeal to almost any product.However, if using AKS see
Section 4.3.6 on page 15.
2.6
Moisture Tolerance
The presence of water (condensation, sweat, spilt water, and so on) on a sensor can alter the signal values
measured and thereby affect the performance of any capacitive device. The moisture tolerance of QTouch devices
can be improved by designing the hardware and fine-tuning the firmware following the recommendations in the
application note Atmel AVR3002: Moisture Tolerant QTouch Design (
www.atmel.com/Images/doc42017.pdf).
2.7
SPI Interface
The QT2100 is an SPI slave mode device, utilizing a four-wire full-duplex SPI interface.
In addition to the standard four SPI signals (SS, SCK, MOSI and MISO), there is a DRDY (data ready) output which
may optionally be used to time communications such that they do not occur during channel measurement bursts.
During each burst DRDY is held low by the QT2100. After each group burst, DRDY is driven high for 500
µs or until
3 bytes have been exchanged.
The QT2100 also provides a CHANGE signal to indicate when there has been a change in detection state. This
removes the need for the host to poll the QT2100 continuously.
On each SPI transfer the host sends three bytes to the QT2100 and the QT2100 simultaneously sends three bytes to
the host. The bytes sent from the host provide the QT2100 with all its configuration information; the bytes sent from
the QT2100 convey the states of the touch keys and slider or wheel.


Similar Part No. - AT42QT2100-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
More results

Similar Description - AT42QT2100-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
Six-channel QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com