Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08BISN Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC08BISN
Description  8K I2C??Serial EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08BISN Datasheet(HTML) 3 Page - Microchip Technology

  24LC08BISN Datasheet HTML 1Page - Microchip Technology 24LC08BISN Datasheet HTML 2Page - Microchip Technology 24LC08BISN Datasheet HTML 3Page - Microchip Technology 24LC08BISN Datasheet HTML 4Page - Microchip Technology 24LC08BISN Datasheet HTML 5Page - Microchip Technology 24LC08BISN Datasheet HTML 6Page - Microchip Technology 24LC08BISN Datasheet HTML 7Page - Microchip Technology 24LC08BISN Datasheet HTML 8Page - Microchip Technology 24LC08BISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2002-2012 Microchip Technology Inc.
DS21710K-page 3
24AA08/24LC08B
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
VCC = +1.7V to +5.5V
Industrial (I):
TA = -40°C to +85°C
Automotive (E):
TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
1FCLK
Clock frequency
400
100
kHz
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
2
THIGH
Clock high time
600
4000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
3TLOW
Clock low time
1300
4700
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
4TR
SDA and SCL rise time
(Note 1)
300
1000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
5TF
SDA and SCL fall time
300
ns
(Note 1)
6THD:STA
Start condition hold time
600
4000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
7TSU:STA
Start condition setup
time
600
4700
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
8THD:DAT
Data input hold time
0
ns
(Note 2)
9TSU:DAT
Data input setup time
100
250
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
10
TSU:STO
Stop condition setup
time
600
4000
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
11
TAA
Output valid from clock
(Note 2)
900
3500
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
12
TBUF
Bus free time: Time the
bus must be free before
a new transmission can
start
1300
4700
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
13
TOF
Output fall time from VIH
minimum to VIL
maximum
——
250
250
ns
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V (24AA08)
14
TSP
Input filter spike
suppression
(SDA and SCL pins)
50
ns
(Notes 1 and 3)
15
TWC
Write cycle time (byte or
page)
——
5
ms
16
Endurance
1M
cycles 25°C, (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.


Similar Part No. - 24LC08BISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC08BIST MICROCHIP-24LC08BIST Datasheet
553Kb / 30P
8K I2C Serial EEPROM
2009
More results

Similar Description - 24LC08BISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24AA08 MICROCHIP-24AA08 Datasheet
864Kb / 30P
8K I2C Serial EEPROM
01/02/08
24LC08BIST MICROCHIP-24LC08BIST Datasheet
553Kb / 30P
8K I2C Serial EEPROM
2009
24AA08-IP MICROCHIP-24AA08-IP Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012 11/29/11
24LC08BT-IOT MICROCHIP-24LC08BT-IOT Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
11/29/11
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
logo
Ceramate Technical
24LC08 CERAMATE-24LC08 Datasheet
397Kb / 23P
8K-Bit Serial EEPROM
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08 MICROCHIP-24AA08 Datasheet
367Kb / 26P
8K IC SERIAL EEPROM
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com