Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6530A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD6530A
Description  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6530A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD6530A Datasheet HTML 1Page - Fairchild Semiconductor FDD6530A Datasheet HTML 2Page - Fairchild Semiconductor FDD6530A Datasheet HTML 3Page - Fairchild Semiconductor FDD6530A Datasheet HTML 4Page - Fairchild Semiconductor FDD6530A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDD6530A Rev. C (W)
Typical Characteristics
0
6
12
18
24
30
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
3.0V
2.0V
V
GS = 4.5V
3.5V
2.5V
0.8
1
1.2
1.4
1.6
1.8
0
6
12
18
24
30
ID, DRAIN CURRENT (A)
VGS = 2.5V
3.0V
4.0V
4.5V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = 8 A
VGS = 4.5V
0
0.03
0.06
0.09
0.12
1
2
3
4
5
V
GS, GATE TO SOURCE VOLTAGE (V)
ID = 4 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
0.5
1
1.5
2
2.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA =-55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDD6530A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6530A ISC-FDD6530A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
FDD6530A BYCHIP-FDD6530A Datasheet
930Kb / 4P
   N-channel Advanced Mode Power MOSFET
More results

Similar Description - FDD6530A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com