Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE8 Datasheet(PDF) 233 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 233 Page - Microchip Technology

Back Button SE8 Datasheet HTML 229Page - Microchip Technology SE8 Datasheet HTML 230Page - Microchip Technology SE8 Datasheet HTML 231Page - Microchip Technology SE8 Datasheet HTML 232Page - Microchip Technology SE8 Datasheet HTML 233Page - Microchip Technology SE8 Datasheet HTML 234Page - Microchip Technology SE8 Datasheet HTML 235Page - Microchip Technology SE8 Datasheet HTML 236Page - Microchip Technology SE8 Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 233
PIC16(L)F1946/47
FIGURE 23-14:
PWM AUTO-SHUTDOWN WITH FIRMWARE RESTART (PXRSEN = 0)
23.4.4
AUTO-RESTART MODE
The Enhanced PWM can be configured to automati-
cally restart the PWM signal once the auto-shutdown
condition has been removed. Auto-restart is enabled by
setting the PxRSEN bit in the PWMxCON register.
If auto-restart is enabled, the CCPxASE bit will remain
set as long as the auto-shutdown condition is active.
When the auto-shutdown condition is removed, the
CCPxASE bit will be cleared via hardware and normal
operation will resume.
FIGURE 23-15:
PWM AUTO-SHUTDOWN WITH AUTO-RESTART (PXRSEN = 1)
Shutdown
PWM
CCPxASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM
Resumes
PWM Period
Start of
PWM Period
CCPxASE
Cleared by
Firmware
Timer
Overflow
Timer
Overflow
Timer
Overflow
Timer
Overflow
Missing Pulse
(Auto-Shutdown)
Missing Pulse
(CCPxASE not clear)
Timer
Overflow
Shutdown
PWM
CCPxASE bit
Activity
Event
Shutdown
Event Occurs
Shutdown
Event Clears
PWM Period
Start of
PWM Period
CCPxASE
Cleared by
Hardware
Timer
Overflow
Timer
Overflow
Timer
Overflow
Timer
Overflow
Missing Pulse
(Auto-Shutdown)
Missing Pulse
(CCPxASE not clear)
Timer
Overflow
PWM
Resumes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com