| Electronic Components Datasheet Search |
|
SE16 Datasheet(PDF) 185 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE16 Datasheet(HTML) 185 Page - Microchip Technology |
|
185 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 185 PIC16(L)F1946/47 18.11 Register Definitions: Comparator Control REGISTER 18-1: CMxCON0: COMPARATOR Cx CONTROL REGISTER 0 R/W-0/0 R-0/0 R/W-0/0 R/W-0/0 U-0 R/W-1/1 R/W-0/0 R/W-0/0 CxON CxOUT CxOE CxPOL — CxSP CxHYS CxSYNC bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7 CxON: Comparator Enable bit 1 = Comparator is enabled and consumes no active power 0 = Comparator is disabled bit 6 CxOUT: Comparator Output bit If CxPOL = 1 (inverted polarity): 1 = CxVP < CxVN 0 = CxVP > CxVN If CxPOL = 0 (non-inverted polarity): 1 = CxVP > CxVN 0 = CxVP < CxVN bit 5 CxOE: Comparator Output Enable bit 1 = CxOUT is present on the CxOUT pin. Requires that the associated TRIS bit be cleared to actually drive the pin. Not affected by CxON. 0 = CxOUT is internal only bit 4 CxPOL: Comparator Output Polarity Select bit 1 = Comparator output is inverted 0 = Comparator output is not inverted bit 3 Unimplemented: Read as ‘0’ bit 2 CxSP: Comparator Speed/Power Select bit 1 = Comparator operates in normal power, higher speed mode 0 = Comparator operates in low-power, low-speed mode bit 1 CxHYS: Comparator Hysteresis Enable bit 1 = Comparator hysteresis enabled 0 = Comparator hysteresis disabled bit 0 CxSYNC: Comparator Output Synchronous Mode bit 1 = Comparator output to Timer1 and I/O pin is synchronous to changes on Timer1 clock source. Output updated on the falling edge of Timer1 clock source. 0 = Comparator output to Timer1 and I/O pin is asynchronous. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |