| Electronic Components Datasheet Search |
|
SE16 Datasheet(PDF) 195 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE16 Datasheet(HTML) 195 Page - Microchip Technology |
|
195 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 195 PIC16(L)F1946/47 20.0 TIMER0 MODULE The Timer0 module is an 8-bit timer/counter with the following features: • 8-bit timer/counter register (TMR0) • 8-bit prescaler (independent of Watchdog Timer) • Programmable internal or external clock source • Programmable external clock edge selection • Interrupt on overflow • TMR0 can be used to gate Timer1 Figure 20-1 is a block diagram of the Timer0 module. 20.1 Timer0 Operation The Timer0 module can be used as either an 8-bit timer or an 8-bit counter. 20.1.1 8-BIT TIMER MODE The Timer0 module will increment every instruction cycle, if used without a prescaler. 8-bit Timer mode is selected by clearing the TMR0CS bit of the OPTION_REG register. When TMR0 is written, the increment is inhibited for two instruction cycles immediately following the write. 20.1.2 8-BIT COUNTER MODE In 8-Bit Counter mode, the Timer0 module will increment on every rising or falling edge of the T0CKI pin or the Capacitive Sensing Oscillator (CPSCLK) signal. 8-Bit Counter mode using the T0CKI pin is selected by setting the TMR0CS bit in the OPTION_REG register to ‘1’ and resetting the T0XCS bit in the CPSCON0 register to ‘0’. 8-Bit Counter mode using the Capacitive Sensing Oscillator (CPSCLK) signal is selected by setting the TMR0CS bit in the OPTION_REG register to ‘1’ and setting the T0XCS bit in the CPSCON0 register to ‘1’. The rising or falling transition of the incrementing edge for either input source is determined by the TMR0SE bit in the OPTION_REG register. FIGURE 20-1: BLOCK DIAGRAM OF THE TIMER0 Note: The value written to the TMR0 register can be adjusted, in order to account for the two instruction cycle delay when TMR0 is written. T0CKI TMR0SE TMR0 PS<2:0> Data Bus Set Flag bit TMR0IF on Overflow TMR0CS 0 1 0 1 8 8 8-bit Prescaler FOSC/4 PSA Sync 2 TCY Overflow to Timer1 1 0 From CPSCLK T0XCS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |