Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE9 Datasheet(PDF) 277 Page - Microchip Technology

Part # SE9
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE9 Datasheet(HTML) 277 Page - Microchip Technology

Back Button SE9 Datasheet HTML 273Page - Microchip Technology SE9 Datasheet HTML 274Page - Microchip Technology SE9 Datasheet HTML 275Page - Microchip Technology SE9 Datasheet HTML 276Page - Microchip Technology SE9 Datasheet HTML 277Page - Microchip Technology SE9 Datasheet HTML 278Page - Microchip Technology SE9 Datasheet HTML 279Page - Microchip Technology SE9 Datasheet HTML 280Page - Microchip Technology SE9 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 277
PIC16(L)F1946/47
24.6.5 I2C MASTER MODE REPEATED
START CONDITION TIMING
A Repeated Start condition occurs when the RSEN bit
of the SSPxCON2 register is programmed high and the
Master state machine is no longer active. When the
RSEN bit is set, the SCLx pin is asserted low. When the
SCLx pin is sampled low, the Baud Rate Generator is
loaded and begins counting. The SDAx pin is released
(brought high) for one Baud Rate Generator count
(TBRG). When the Baud Rate Generator times out, if
SDAx is sampled high, the SCLx pin will be deasserted
(brought high). When SCLx is sampled high, the Baud
Rate Generator is reloaded and begins counting. SDAx
and SCLx must be sampled high for one TBRG. This
action is then followed by assertion of the SDAx pin
(SDAx = 0) for one TBRG while SCLx is high. SCLx is
asserted low. Following this, the RSEN bit of the
SSPxCON2 register will be automatically cleared and
the Baud Rate Generator will not be reloaded, leaving
the SDAx pin held low. As soon as a Start condition is
detected on the SDAx and SCLx pins, the S bit of the
SSPxSTAT register will be set. The SSPxIF bit will not
be set until the Baud Rate Generator has timed out.
FIGURE 24-27:
REPEAT START CONDITION WAVEFORM
Note 1:
If RSEN is programmed while any other
event is in progress, it will not take effect.
2:
A bus collision during the Repeated Start
condition occurs if:
• SDAx is sampled low when SCLx
goes from low-to-high.
• SCLx goes low before SDAx is
asserted low. This may indicate
that another master is attempting to
transmit a data ‘1’.
SDAx
SCLx
Repeated Start
Write to SSPxCON2
Write to SSPxBUF occurs here
At completion of Start bit,
hardware clears RSEN bit
1st bit
S bit set by hardware
TBRG
TBRG
SDAx = 1,
SDAx = 1,
SCLx (no change)
SCLx = 1
occurs here
TBRG
TBRG
TBRG
and sets SSPxIF
Sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com