Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE17 Datasheet(PDF) 363 Page - Microchip Technology

Part # SE17
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE17 Datasheet(HTML) 363 Page - Microchip Technology

Back Button SE17 Datasheet HTML 359Page - Microchip Technology SE17 Datasheet HTML 360Page - Microchip Technology SE17 Datasheet HTML 361Page - Microchip Technology SE17 Datasheet HTML 362Page - Microchip Technology SE17 Datasheet HTML 363Page - Microchip Technology SE17 Datasheet HTML 364Page - Microchip Technology SE17 Datasheet HTML 365Page - Microchip Technology SE17 Datasheet HTML 366Page - Microchip Technology SE17 Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 363
PIC16(L)F1946/47
27.12 LCD Interrupts
The LCD module provides an interrupt in two cases. An
interrupt when the LCD controller goes from active to
inactive controller. An interrupt also provides unframe
boundaries for Type B waveform. The LCD timing gen-
eration provides an interrupt that defines the LCD
frame timing.
27.12.1
LCD INTERRUPT ON MODULE
SHUTDOWN
An LCD interrupt is generated when the module
completes shutting down (LCDA goes from ‘1’ to ‘0’).
27.12.2
LCD FRAME INTERRUPTS
A new frame is defined to begin at the leading edge of
the COM0 common signal. The interrupt will be set
immediately after the LCD controller completes access-
ing all pixel data required for a frame. This will occur at
a fixed interval before the frame boundary (TFINT), as
shown in Figure 27-19. The LCD controller will begin to
access data for the next frame within the interval from
the interrupt to when the controller begins to access
data after the interrupt (TFWR). New data must be writ-
ten within TFWR, as this is when the LCD controller will
begin to access the data for the next frame.
When the LCD driver is running with Type-B waveforms
and the LMUX<1:0> bits are not equal to ‘00’ (static
drive), there are some additional issues that must be
addressed. Since the DC voltage on the pixel takes two
frames to maintain zero volts, the pixel data must not
change between subsequent frames. If the pixel data
were allowed to change, the waveform for the odd
frames would not necessarily be the complement of the
waveform generated in the even frames and a DC
component would be introduced into the panel.
Therefore, when using Type-B waveforms, the user
must synchronize the LCD pixel updates to occur within
a subframe after the frame interrupt.
To correctly sequence writing while in Type-B, the
interrupt will only occur on complete phase intervals. If
the user attempts to write when the write is disabled,
the WERR bit of the LCDCON register is set and the
write does not occur.
Note:
The LCD frame interrupt is not generated
when the Type-A waveform is selected
and when the Type-B with no multiplex
(static) is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com