Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE33 Datasheet(PDF) 313 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 313 Page - Microchip Technology

Back Button SE33 Datasheet HTML 309Page - Microchip Technology SE33 Datasheet HTML 310Page - Microchip Technology SE33 Datasheet HTML 311Page - Microchip Technology SE33 Datasheet HTML 312Page - Microchip Technology SE33 Datasheet HTML 313Page - Microchip Technology SE33 Datasheet HTML 314Page - Microchip Technology SE33 Datasheet HTML 315Page - Microchip Technology SE33 Datasheet HTML 316Page - Microchip Technology SE33 Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 313
PIC16(L)F1946/47
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
300
299.9
-0.02
1666
300.1
0.04
832
300.0
0.00
767
300.5
0.16
207
1200
1199
-0.08
416
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19.23k
0.16
25
19.23k
0.16
12
19.20k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 32.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
300
300
0.00
26666
300.0
0.00
15359
300.0
0.00
13332
300.0
0.00
9215
1200
1200
0.00
6666
1200
0.00
3839
1200.1
0.01
3332
1200
0.00
2303
2400
2400
0.01
3332
2400
0.00
1919
2399.5
-0.02
1666
2400
0.00
1151
9600
9604
0.04
832
9600
0.00
479
9592
-0.08
416
9600
0.00
287
10417
10417
0.00
767
10425
0.08
441
10417
0.00
383
10433
0.16
264
19.2k
19.18k
-0.08
416
19.20k
0.00
239
19.23k
0.16
207
19.20k
0.00
143
57.6k
57.55k
-0.08
138
57.60k
0.00
79
57.97k
0.64
68
57.60k
0.00
47
115.2k
115.9
0.64
68
115.2k
0.00
39
114.29k
-0.79
34
115.2k
0.00
23
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 1 or SYNC = 1, BRG16 = 1
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
300
300.0
0.00
6666
300.0
0.01
3332
300.0
0.00
3071
300.1
0.04
832
1200
1200
-0.02
1666
1200
0.04
832
1200
0.00
767
1202
0.16
207
2400
2401
0.04
832
2398
0.08
416
2400
0.00
383
2404
0.16
103
9600
9615
0.16
207
9615
0.16
103
9600
0.00
95
9615
0.16
25
10417
10417
0.00
191
10417
0.00
95
10473
0.53
87
10417
0.00
23
19.2k
19.23k
0.16
103
19.23k
0.16
51
19.20k
0.00
47
19.23k
0.16
12
57.6k
57.14k
-0.79
34
58.82k
2.12
16
57.60k
0.00
15
—
—
—
115.2k
117.6k
2.12
16
111.1k
-3.55
8
115.2k
0.00
7
—
—
—
TABLE 25-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com