Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE33 Datasheet(PDF) 465 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 465 Page - Microchip Technology

Back Button SE33 Datasheet HTML 461Page - Microchip Technology SE33 Datasheet HTML 462Page - Microchip Technology SE33 Datasheet HTML 463Page - Microchip Technology SE33 Datasheet HTML 464Page - Microchip Technology SE33 Datasheet HTML 465Page - Microchip Technology SE33 Datasheet HTML 466Page - Microchip Technology SE33 Datasheet HTML 467Page - Microchip Technology SE33 Datasheet HTML 468Page - Microchip Technology SE33 Datasheet HTML 469Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 465
PIC16(L)F1946/47
APPENDIX A: DATA SHEET
REVISION HISTORY
Revision A (3/2010)
Original release.
Revision B (9/2010)
Updated with current electrical specifications; Added
Temperature Indicator Module section; Other minor
corrections.
Revision C (5/2011)
Updated the EUSART section; Updated the Electrical
Specifications section; Updated Table 3-8, Figure 13-1
and Equation 16-1.
Revision D (02/2012)
Updated
Electrical
Specifications
and
added
Characterization Graphs.
APPENDIX B: MIGRATING FROM
OTHER PIC®
DEVICES
This shows a comparison of features in the migration
from the PIC16F917 device to the PIC16F1946 family
of devices.
B.1
PIC16F917 to PIC16F1946
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F917
PIC16F1946
Max. Operating Speed
20 MHz
32 MHz
Max. Program
Memory (Words)
8K
8K
Max. SRAM (Bytes)
368
512
A/D Resolution
10-bit
10-bit
Timers (8/16-bit)
2/1
4/1
Oscillator Modes
4
8
Brown-out Reset
Y
Y
Internal Pull-ups
RB<7:0>
RB<7:0>
Interrupt-on-change
RB<7:4>
RB<7:0>
Comparator
2
2
AUSART/EUSART
1/0
0/2
Extended WDT
Y
Y
Software Control
Option of WDT/BOR
NY
INTOSC Frequencies
30 kHz -
8MHz
31 kHz -
16 MHz
Clock Switching
Y
Y
Capacitive Sensing
N
Y
CCP/ECCP
2/0
2/3
Enhanced PIC16 CPU
N
Y
MSSP/SSP
0/1
2/0
LCD
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com