Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE22 Datasheet(PDF) 240 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 240 Page - Microchip Technology

Back Button SE22 Datasheet HTML 236Page - Microchip Technology SE22 Datasheet HTML 237Page - Microchip Technology SE22 Datasheet HTML 238Page - Microchip Technology SE22 Datasheet HTML 239Page - Microchip Technology SE22 Datasheet HTML 240Page - Microchip Technology SE22 Datasheet HTML 241Page - Microchip Technology SE22 Datasheet HTML 242Page - Microchip Technology SE22 Datasheet HTML 243Page - Microchip Technology SE22 Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 240
 2010-2012 Microchip Technology Inc.
REGISTER 23-4:
CCPxAS: CCPX AUTO-SHUTDOWN CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
CCPxASE
CCPxAS<2:0>
PSSxAC<1:0>
PSSxBD<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CCPxASE:
CCPx Auto-Shutdown Event Status bit
1 = A shutdown event has occurred; CCPx outputs are in shutdown state
0 = CCPx outputs are operating
bit 6-4
CCPxAS<2:0>:
CCPx Auto-Shutdown Source Select bits
111 =VIL on INT pin or Comparator C1 or Comparator C2 high(1, 2)
110 =VIL on INT pin or Comparator C2 high(1, 2)
101 =VIL on INT pin or Comparator C1 high(1)
100 =VIL on INT pin
011 = Either Comparator C1 or C2 high(1, 2)
010 = Comparator C2 output high(1, 2)
001 = Comparator C1 output high(1)
000 = Auto-shutdown is disabled
bit 3-2
PSSxAC<1:0>:
Pins PxA and PxC Shutdown State Control bits
1x = Pins PxA and PxC tri-state
01 = Drive pins PxA and PxC to ‘1’
00 = Drive pins PxA and PxC to ‘0’
bit 1-0
PSSxBD<1:0>:
Pins PxB and PxD Shutdown State Control bits
1x = Pins PxB and PxD tri-state
01 = Drive pins PxB and PxD to ‘1’
00 = Drive pins PxB and PxD to ‘0’
Note 1:
If CxSYNC is enabled, the shutdown will be delayed by Timer1.
2:
For PIC16F1946/47 devices in ECCP3 mode, CCPxAS uses C3 instead of C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com