Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCMXO2-256ZE-2UMG64C Datasheet(PDF) 102 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-2UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-2UMG64C Datasheet(HTML) 102 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-2UMG64C Datasheet HTML 98Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 99Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 100Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 101Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 102Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 103Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 104Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 105Page - Lattice Semiconductor LCMXO2-256ZE-2UMG64C Datasheet HTML 106Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
5-18
Ordering Information
MachXO2 Family Data Sheet
R1 Device Specifications
The LCMXO2-1200ZE/HC “R1” devices have the same specifications as their Standard (non-R1) counterparts
except as listed below. For more details on the R1 to Standard migration refer to AN8086, Designing for Migration
from MachXO2-1200-R1 to Standard Non-R1) Devices.
• The User Flash Memory (UFM) cannot be programmed through the internal WISHBONE interface. It can still be
programmed through the JTAG/SPI/I
2C ports.
• The on-chip differential input termination resistor value is higher than intended. It is approximately 200
 as
opposed to the intended 100
. It is recommended to use external termination resistors for differential inputs. The
on-chip termination resistors can be disabled through Lattice design software.
• Soft Error Detection logic may not produce the correct result when it is run for the first time after configuration. To
use this feature, discard the result from the first operation. Subsequent operations will produce the correct result.
• Under certain conditions, IIH exceeds data sheet specifications. The following table provides more details:
• The user SPI interface does not operate correctly in some situations. During master read access and slave write
access, the last byte received does not generate the RRDY interrupt.
• In GDDRX2, GDDRX4 and GDDR71 modes, ECLKSYNC may have a glitch in the output under certain condi-
tions, leading to possible loss of synchronization.
• When using the hard I
2C IP core, the I2C status registers I2C_1_SR and I2C_2_SR may not update correctly.
• PLL Lock signal will glitch high when coming out of standby. This glitch lasts for about 10µsec before returning
low.
• Dual boot only available on HC devices, requires tying VCC and VCCIO2 to the same 3.3V or 2.5V supply.
Condition
Clamp
Pad Rising
IIH Max.
Pad Falling
IIH Min.
Steady State Pad
High IIH
Steady State Pad
Low IIL
VPAD > VCCIO
OFF
1mA
-1mA
1mA
10µA
VPAD = VCCIO
ON
10µA
-10µA
10µA
10µA
VPAD = VCCIO
OFF
1mA
-1mA
1mA
10µA
VPAD < VCCIO
OFF
10µA
-10µA
10µA
10µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com