Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3241 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3241
Description  LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3241 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3241_13 Datasheet HTML 6Page - Texas Instruments LM3241_13 Datasheet HTML 7Page - Texas Instruments LM3241_13 Datasheet HTML 8Page - Texas Instruments LM3241_13 Datasheet HTML 9Page - Texas Instruments LM3241_13 Datasheet HTML 10Page - Texas Instruments LM3241_13 Datasheet HTML 11Page - Texas Instruments LM3241_13 Datasheet HTML 12Page - Texas Instruments LM3241_13 Datasheet HTML 13Page - Texas Instruments LM3241_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM3241
SNOSB38B – JANUARY 2009 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = EN = 3.6V and TA = +25°C, unless otherwise noted.
VIN-VOUT vs Output Current
(100% Duty Cycle)
EN High Threshold vs Supply Voltage
Figure 19.
Figure 20.
Output Voltage Ripple in PWM Mode
Output Voltage Ripple in ECO Mode
(VOUT=2.0V, IOUT=200 mA)
(VOUT=2.0V, IOUT=50 mA)
Figure 21.
Figure 22.
VCON Transient Response
Line Transient Response
(VOUT=0.6V/3.4V, RLOAD=10Ω)
(VIN=3.6V/4.2V, VOUT=0.8V, RLOAD=8Ω)
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3241


Similar Part No. - LM3241_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
More results

Similar Description - LM3241_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com