| Electronic Components Datasheet Search |
|
OMAP3530ECBC Datasheet(PDF) 141 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC Datasheet(HTML) 141 Page - Texas Instruments |
|
141 / 264 page ![]() 4.3 DPLL and DLL Specifications OMAP DLL vdds_dpll_dll PowerRail DPLL4 DPLL1 DPLL2 DPLL3 vdds_dpll_per DPLL5 030-016 4.3.1 Digital Phase-Locked Loop (DPLL) OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 The OMAP3530/25 integrates seven DPLLs and a DLL. The PRM and CM drive five of them, while the sixth (not supported) and the seventh (not supported) are controlled by the display subsystem. The five main DPLLs are: • DPLL1 (MPU) • DPLL2 (IVA2) • DPLL3 (Core) • DPLL4 (Peripherals) • DPLL5 (Second Peripherals DPLL) Figure 4-9 illustrates the DLL and DPLL implementation. (1) Figure 4-9. DPLL and DLL Implementation For more information on the OMAP3530/25 Applications Processor DPLLs and clocking structure, see the Power, Reset, and Clock management (PRCM) chapter of the OMAP35x Applications Processor TRM (literature number SPRUFA5). The DPLL provides all interface clocks and some functional clocks (such as the processor clocks) of the OMAP3530/25 device. DPLL1 and DPLL2 get an always-on clock used to produce the synthesized clock. They get a high-speed bypass clock used to switch the DPLL output clock on this high-speed clock during bypass mode. The high-speed bypass clock is an L3 divided clock (programmable by 1 or 2) that saves DPLL processor power consumption when the processor does not need to run faster than the L3 clock speed, or optimizes performance during frequency scaling. Each DPLL synthesized frequency is set by programming M (multiplier) and N (divider) factors. In addition, all DPLL outputs can be controlled by an independent divider (M2 to M6). The clock generating DPLLs of the OMAP3530/25 device have following features: • Independent power domain per DPLL • Controlled by clock-manager (CM) • Fed with always-on system clock with independent gating control per DPLL Submit Documentation Feedback CLOCK SPECIFICATIONS 141 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |