Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F372CC Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F372CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372CC Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F372CC Datasheet HTML 102Page - STMicroelectronics STM32F372CC Datasheet HTML 103Page - STMicroelectronics STM32F372CC Datasheet HTML 104Page - STMicroelectronics STM32F372CC Datasheet HTML 105Page - STMicroelectronics STM32F372CC Datasheet HTML 106Page - STMicroelectronics STM32F372CC Datasheet HTML 107Page - STMicroelectronics STM32F372CC Datasheet HTML 108Page - STMicroelectronics STM32F372CC Datasheet HTML 109Page - STMicroelectronics STM32F372CC Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 128 page
background image
Electrical characteristics
STM32F37x
106/128
Doc ID 022691 Rev 3
Figure 32.
USB timings: definition of data signal rise and fall time
6.3.24
CAN (controller area network) interface
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
6.3.25
SDADC characteristics
ai14137
tf
Differen tial
Data L ines
VSS
VCRS
tr
Crossover
points
Table 73.
USB: Full-speed electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tr
Rise time(2)
CL = 50 pF
4
-
20
ns
tf
Fall time(2)
CL = 50 pF
4
-
20
ns
trfm
Rise/ fall time matching
tr/tf
90
-
110
%
VCRS
Output signal crossover voltage
1.3
-
2.0
V
Output driver
Impedance(3)
ZDRV
driving high and
low
28
40
44
1.
Guaranteed by design, not tested in production.
2.
Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB Specification - Chapter
7 (version 2.0).
3.
No external termination series resistors are required on USB_DP (D+) and USB_DM (D-), the matching impedance is
already included in the embedded driver.
Table 74.
SDADC characteristics (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note
VDDSDx
Power
supply
Slow mode (fADC = 1.5 MHz)
2.2
VDDA
V
Fast mode (fADC = 6 MHz)
2.4
VDDA
fADC
SDADC
clock
frequency
Slow mode (fADC = 1.5 MHz)
0.5
1.5
1.65
MHz
Fast mode (fADC = 6 MHz)
0.5
6
6.3
VREFSD+
Positive ref.
voltage
1.1
VDDSDx
V
VREFSD-
Negative
ref. voltage
VSSA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com