Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR5001STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR5001STRPBF
Description  UNIVERSAL ACTIVE ORING CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR5001STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR5001STRPBF Datasheet HTML 4Page - International Rectifier IR5001STRPBF Datasheet HTML 5Page - International Rectifier IR5001STRPBF Datasheet HTML 6Page - International Rectifier IR5001STRPBF Datasheet HTML 7Page - International Rectifier IR5001STRPBF Datasheet HTML 8Page - International Rectifier IR5001STRPBF Datasheet HTML 9Page - International Rectifier IR5001STRPBF Datasheet HTML 10Page - International Rectifier IR5001STRPBF Datasheet HTML 11Page - International Rectifier IR5001STRPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IR5001S & (PbF)
11
www.irf.com
In a well - designed Active ORing circuit, the
Rds(on) of the Active ORing FET should generate
between 50mV to 100mV of (INP – INN) voltage
during normal, steady state operation. (The normal
operation refers to current flowing from the source to
drain of the Active ORing FET, half of the full-load
system current flowing through each OR-ed source,
at
nominal
input
voltage).
Maximum
power
dissipation under worst-case conditions for the FET
should be calculated and verified against the data
sheet limits of the selected device.
IR5001S Thermal considerations
Maximum junction temperature of the IR5001S in an
application
should
not
exceed
the
maximum
operating junction temperature, specified at 125°C:
Tj = Pdiss * Rtheta j-a + Tamb <= Tj (max),
where Rtheta j-a is the thermal resistance from
junction to ambient thermal resistance (specified at
128 °C/W), Pdiss is IC power dissipation, and Tamb
is operating ambient temperature.
The maximum power dissipation can be estimated
as follows:
Pdiss < (Tj max – Tamb max) / Rtheta j-a
Since Tj max= 125
°C, Tamb = 85 °C, and Rtheta j-a
= 128
°C/W, the maximum power dissipation allowed
is:
Pdiss max = (125 – 85) / 128 = 0.3W
With proper selection of Icc (as discussed in the
Detailed Pin Description), the maximum power
dissipation will never be exceeded (Max Icc * Max
Vcc = 10mA * 13.9V = 0.14W).
Layout Considerations
INN and INP should be connected very close to
the drain and source terminal of the Active ORing
FET. PCB trace between the Vout pin and the gate
of the N-FET should also be minimized. A minimum
of 0.1uF decoupling capacitor must be connected
from Vcc to Gnd of the IR5001S and should be
placed as close to the IR5001S as possible. Ground
should be connected to the source of N-FET
separately from the INP pin.


Similar Part No. - IR5001STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results

Similar Description - IR5001STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com