Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ5E050KTR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNQ5E050KTR-E
Description  Quad channel high side driver for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5E050KTR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNQ5E050KTR-E Datasheet HTML 3Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 4Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 5Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 6Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 7Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 8Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 9Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 10Page - STMicroelectronics VNQ5E050KTR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
VNQ5E050K-E
Electrical specifications
Doc ID 13494 Rev 5
7/34
2
Electrical specifications
Figure 3.
Current and voltage conventions(1)
1.
VFn = VOUTn - VCC during reverse battery condition.
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to the conditions in table below for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program
and other relevant quality document.
VFn
IGND
VCC
GND
OUTPUTn
STAT_DIS
ISD
INPUTn
IINn
VSD
VINn
IOUTn
VOUTn
STATUSn
ISTATn
VSTATn
VCC
IS
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
- VCC
Reverse DC supply voltage
0.3
V
- IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
15
A
IIN
DC input current
+10/-1
mA
ISTAT
DC status current
+10/-1
mA
ISTAT_DIS DC status disable current
+10/-1
mA
EMAX
Maximum switching energy (single pulse)
(L= 3mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IOUT = IlimL(Typ.))
104
mJ


Similar Part No. - VNQ5E050KTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E050AK-E STMICROELECTRONICS-VNQ5E050AK-E Datasheet
657Kb / 37P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
   Quad channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VNQ5E050KTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E_09 Datasheet
606Kb / 34P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com