Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE20F2M6 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST7FLITE20F2M6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2M6 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST7FLITE20F2M6 Datasheet HTML 158Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 159Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 160Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 161Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 162Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 163Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 164Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 165Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 166Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 162 / 166 page
background image
Important notes
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
162/166
Doc ID 8349 Rev 5
Concurrent interrupt context
The symptom does not occur when the interrupts are handled normally, i.e. when:
●
The interrupt request is cleared (flag reset or interrupt mask) within its own interrupt
routine.
●
The interrupt request is cleared (flag reset or interrupt mask) within any interrupt
routine.
●
The interrupt request is cleared (flag reset or interrupt mask) in any part of the code
while this interrupt is disabled.
If these conditions are not met, the symptom can be avoided by implementing the following
sequence:
Perform SIM and RIM operation before and after resetting an active interrupt request
Ex:
SIM
reset flag or interrupt mask
RIM
16.6
Using PB4 as external interrupt
PB4 cannot be used as an external interrupt in HALT mode because the port pin PB4 is not
active in this mode.
16.7
Timebase 2 interrupt in slow mode
Timebase 2 interrupt is not available in slow mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com