Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 47 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 47 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 43Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 44Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 45Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 46Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 47Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 48Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 49Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 50Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
47
5.
12-Bit ADC (ADC0, C8051F040/1 Only)
The ADC0 subsystem for the C8051F040/1 consists of a 9-channel, configurable analog multiplexer
(AMUX0), a programmable gain amplifier (PGA0), and a 100 ksps, 12-bit successive-approximation-regis-
ter ADC with integrated track-and-hold and Programmable Window Detector (see block diagram in
Figure 5.1). The AMUX0, PGA0, Data Conversion Modes, and Window Detector are all configurable under
software control via the Special Function Registers shown in Figure 5.1. The voltage reference used by
ADC0 is selected as described in Section “9. Voltage Reference (C8051F040/2/4/6)” on page 113 for
C8051F040 devices, or Section “10. Voltage Reference (C8051F041/3/5/7)” on page 117 for
C8051F041 devices. The ADC0 subsystem (ADC0, track-and-hold and PGA0) is enabled only when the
AD0EN bit in the ADC0 Control register (ADC0CN) is set to logic 1. The ADC0 subsystem is in low power
shutdown when this bit is logic 0.
Figure 5.1. 12-Bit ADC0 Functional Block Diagram
5.1.
Analog Multiplexer and PGA
The analog multiplexer can input analog signals to the ADC from four external analog input pins (AIN0.0 -
AIN0.3), Port 3 port pins (optionally configured as analog input pins), High Voltage Difference Amplifier, or
an internally connected on-chip temperature sensor (temperature transfer function is shown in Figure 5.6).
AMUX input pairs can be programmed to operate in either differential or single-ended mode. This allows
the user to select the best measurement technique for each input channel, and even accommodates mode
changes "on-the-fly". The AMUX defaults to all single-ended inputs upon reset. There are three registers
associated with the AMUX: the Channel Selection register AMX0SL (SFR Definition 5.2), the Configuration
register AMX0CF (SFR Definition 5.1), and the Port Pin Selection register AMX0PRT (SFR Definition 5.3).
Table 5.1 shows AMUX functionality by channel for each possible configuration. The PGA amplifies the
AMUX output signal by an amount determined by the states of the AMP0GN2-0 bits in the ADC0 Configu-
ration register, ADC0CF (SFR Definition 5.5). The PGA can be software-programmed for gains of 0.5, 2, 4,
8 or 16. Gain defaults to unity on reset.
12-Bit
SAR
ADC
+
-
AV+
TEMP
SENSOR
12
9-to-1
AMUX
(SE or
DIFF)
AV+
24
12
AD0EN
X
Start Conversion
AGND
AMX0CF
ADC0LTL
ADC0LTH
ADC0GTL
ADC0GTH
AMX0SL
ADC0CF
ADC0CN
Timer 3 Overflow
00
01
10
11
AD0BUSY (W)
CNVSTR0
AD0WINT
Comb.
Logic
HV
Input
Port 3
I/O Pins
Analog
Input
Pins
AGND
Timer 2 Overflow


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com