Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 48 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 44Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 45Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 46Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 47Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 48Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 49Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 50Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 51Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
48
Rev. 1.5
5.1.1. Analog Input Configuration
The analog multiplexer routes signals from external analog input pins, Port 3 I/O pins (See Section
“17.1.5. Configuring Port 1, 2, and 3 Pins as Analog Inputs” on page 207), a High Voltage Difference
Amplifier, and an on-chip temperature sensor as shown in Figure 5.2.
Figure 5.2. Analog Input Diagram
Analog signals may be input from four external analog input pins (AIN0.0 through AIN0.3) as differential or
single-ended measurements. Additionally, Port 3 I/O Port Pins may be configured to input analog signals.
Port 3 pins configured as analog inputs are selected using the Port Pin Selection register (AMX0PRT). Any
number of Port 3 pins may be selected simultaneously as inputs to the AMUX. Even numbered Port 3 pins
and odd numbered Port 3 pins are routed to separate AMUX inputs. (Note: Even port pins and odd port
pins that are simultaneously selected will be shorted together as “wired-OR”.) In this way, differential mea-
surements may be made when using the Port 3 pins (voltage difference between selected even and odd
Port 3 pins) as shown in Figure 5.2.
The High Voltage Difference Amplifier (HVDA) will accept analog input signals and reject up to 60 volts
common-mode for differential measurement of up to the reference voltage to the ADC (0 to VREF volts).
The output of the HVDA can be selected as an input to the ADC using the AMUX as any other channel is
selected for input. (See Section “5.2. High-Voltage Difference Amplifier” on page 52).
+
-
+
-
+
-
9-to-1
AMUX
(SE or
DIFF)
AMX0CF
12-Bit
SAR
ADC
X
TEMP SENSOR
AGND
AIN0.0
AIN0.1
AIN0.2
AIN0.3
AMX0SL
0
7
6
5
4
3
2
1
8
HV
AMP
HVCAP
HVREF
HVAIN -
HVAIN +
P3.6
P3.4
P3.2
P3.0
P3.7
P3.5
P3.3
P3.1
(WIRED-OR)
(WIRED-OR)
PAIN0EN
PAIN2EN
PAIN4EN
PAIN6EN
PAIN7EN
PAIN5EN
PAIN3EN
PAIN1EN
P3EVEN
P3ODD
+
-


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com