Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 7 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 3Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 4Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 5Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 6Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 7Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 8Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 9Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 10Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
7
21.3.Configuration of a Masked Address ............................................................... 271
21.4.Broadcast Addressing .................................................................................... 271
21.5.Frame and Transmission Error Detection....................................................... 272
22. UART1.................................................................................................................... 277
22.1.Enhanced Baud Rate Generation................................................................... 278
22.2.Operational Modes ......................................................................................... 279
22.2.1.8-Bit UART ............................................................................................. 279
22.2.2.9-Bit UART ............................................................................................. 280
22.3.Multiprocessor Communications .................................................................... 281
23. Timers.................................................................................................................... 287
23.1.Timer 0 and Timer 1 ....................................................................................... 287
23.1.1.Mode 0: 13-bit Counter/Timer ................................................................ 287
23.1.2.Mode 1: 16-bit Counter/Timer ................................................................ 288
23.1.3.Mode 2: 8-bit Counter/Timer with Auto-Reload...................................... 289
23.1.4.Mode 3: Two 8-bit Counter/Timers (Timer 0 Only)................................. 290
23.2.Timer 2, Timer 3, and Timer 4 ........................................................................ 295
23.2.1.Configuring Timer 2, 3, and 4 to Count Down........................................ 295
23.2.2.Capture Mode ........................................................................................ 296
23.2.3.Auto-Reload Mode ................................................................................. 297
23.2.4.Toggle Output Mode .............................................................................. 298
24. Programmable Counter Array ............................................................................. 303
24.1.PCA Counter/Timer ........................................................................................ 304
24.2.Capture/Compare Modules ............................................................................ 305
24.2.1.Edge-triggered Capture Mode................................................................ 306
24.2.2.Software Timer (Compare) Mode........................................................... 307
24.2.3.High-Speed Output Mode ...................................................................... 308
24.2.4.Frequency Output Mode ........................................................................ 309
24.2.5.8-Bit Pulse Width Modulator Mode......................................................... 310
24.2.6.16-Bit Pulse Width Modulator Mode....................................................... 311
24.3.Register Descriptions for PCA0...................................................................... 312
25. JTAG (IEEE 1149.1) .............................................................................................. 317
25.1.Boundary Scan ............................................................................................... 318
25.1.1.EXTEST Instruction................................................................................ 319
25.1.2.SAMPLE Instruction ............................................................................... 319
25.1.3.BYPASS Instruction ............................................................................... 319
25.1.4.IDCODE Instruction................................................................................ 319
25.2.Flash Programming Commands..................................................................... 321
25.3.Debug Support ............................................................................................... 324
Document Change List............................................................................................. 325
Contact Information.................................................................................................. 326


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com