Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 19 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 15Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 16Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 17Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 18Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 19Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 20Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 21Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 22Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
19
1.
System Overview
The C8051F04x family of devices are fully integrated mixed-signal System-on-a-Chip MCUs with 64 digital
I/O pins (C8051F040/2/4/6) or 32 digital I/O pins (C8051F041/3/5/7), and an integrated CAN 2.0B control-
ler. Highlighted features are listed below; refer to Table 1.1 for specific product feature selection.
High-Speed pipelined 8051-compatible CIP-51 microcontroller core (up to 25 MIPS)
Controller Area Network (CAN 2.0B) Controller with 32 message objects, each with its own indentifier
mask.
In-system, full-speed, non-intrusive debug interface (on-chip)
True 12-bit (C8051F040/1) or 10-bit (C8051F042/3/4/5/6/7) 100 ksps 8-channel ADC with PGA and
analog multiplexer
High Voltage Difference Amplifier input to the 12/10-bit ADC (60 V Peak-to-Peak) with programmable
gain.
True 8-bit 500 ksps 8-channel ADC with PGA and analog multiplexer (C8051F040/1/2/3)
Two 12-bit DACs with programmable update scheduling (C8051F040/1/2/3)
•64 kB (C8051F040/1/2/3/4/5) or 32 kB (C8051F046/7) of in-system programmable Flash memory
4352 (4096 + 256) bytes of on-chip RAM
External Data Memory Interface with 64 kB address space
SPI, SMBus/I2C, and (2) UART serial interfaces implemented in hardware
Five general purpose 16-bit Timers
Programmable Counter/Timer Array with six capture/compare modules
On-chip Watchdog Timer, VDD Monitor, and Temperature Sensor
With on-chip VDD monitor, Watchdog Timer, and clock oscillator, the C8051F04x family of devices are truly
stand-alone System-on-a-Chip solutions. All analog and digital peripherals are enabled/disabled and con-
figured by user firmware. The Flash memory can be reprogrammed even in-circuit, providing non-volatile
data storage, and also allowing field upgrades of the 8051 firmware.
On-board JTAG debug circuitry allows non-intrusive (uses no on-chip resources), full speed, in-circuit pro-
gramming and debugging using the production MCU installed in the final application. This debug system
supports inspection and modification of memory and registers, setting breakpoints, watchpoints, single
stepping, Run, and Halt commands. All analog and digital peripherals are fully functional while debugging
using JTAG.
Each MCU is specified for 2.7 V to 3.6 V operation over the industrial temperature range (–45 to +85 °C).
The Port I/Os, /RST, and JTAG pins are tolerant for input signals up to 5 V. The C8051F040/2/4/6 are avail-
able in a 100-pin TQFP and the C8051F041/3/5/7 are available in a 64-pin TQFP.


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com