Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 28 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 24Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 25Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
28
Rev. 1.5
1.3.
JTAG Debug and Boundary Scan
The C8051F04x family has on-chip JTAG boundary scan and debug circuitry that provides non-intrusive,
full speed, in-circuit debugging using the production part installed in the end application, via the four-pin
JTAG interface. The JTAG port is fully compliant to IEEE 1149.1, providing full boundary scan for test and
manufacturing purposes.
Silicon Labs' debugging system supports inspection and modification of memory and registers, break-
points, watchpoints, a stack monitor, and single stepping. No additional target RAM, program memory, tim-
ers, or communications channels are required. All the digital and analog peripherals are functional and
work correctly while debugging. All the peripherals (except for the ADC and SMBus) are stalled when the
MCU is halted, during single stepping, or at a breakpoint in order to keep them synchronized with instruc-
tion execution.
The C8051F040DK development kit provides all the hardware and software necessary to develop applica-
tion code and perform in-circuit debugging with the C8051F04x MCUs. The development kit includes two
target boards and a cable to facilitate evaluating a simple CAN communication network. The kit also
includes software with a developer's studio and debugger, a target application board with the associated
MCU installed, and the required cables and wall-mount power supply. The Serial Adapter takes its power
from the application board; it requires roughly 20 mA at 2.7-3.6 V. For applications where there is not suffi-
cient power available from the target system, the provided power supply can be connected directly to the
Serial Adapter.
Silicon Labs’ debug environment is a vastly superior configuration for developing and debugging embed-
ded applications compared to standard MCU emulators, which use on-board "ICE Chips" and target cables
and require the MCU in the application board to be socketed. Silicon Labs' debug environment both
increases ease of use and preserves the performance of the precision, on-chip analog peripherals.
Figure 1.8. Development/In-System Debug Diagram
TARGET PCB
Serial
Adapter
C8051
F040
VDD
GND
JTAG (x4), VDD, GND
WINDOWS 95 or later
Integrated Development
Environment


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com