Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 34 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
34
Rev. 1.5
1.10. Comparators and DACs
Each C8051F040/1/2/3 MCU has two 12-bit DACs, and all C8051F04x devices have three comparators on
chip. The MCU data and control interface to each comparator and DAC is via the Special Function Regis-
ters. The MCU can place any DAC or comparator in low power shutdown mode.
The comparators have software programmable hysteresis and response time. Each comparator can gen-
erate an interrupt on its rising edge, falling edge, or both; these interrupts are capable of waking up the
MCU from sleep mode. The comparators' output state can also be polled in software. The comparator out-
puts can be programmed to appear on the Port I/O pins via the Crossbar.
The DACs are voltage output mode and include a flexible output scheduling mechanism. This scheduling
mechanism allows DAC output updates to be forced by a software write or a Timer 2, 3, or 4 overflow. The
DAC voltage reference is supplied via the dedicated VREFD input pin on C8051F040/2 devices or via the
internal voltage reference on C8051F041/3 devices. The DACs are especially useful as references for the
comparators or offsets for the differential inputs of the ADC.
Figure 1.14. Comparator and DAC Diagram
+
-
CPn+
CPn-
DAC0
DAC1
VR E F
VR E F
CIP -51
and
Interrupt
H andler
CPn
D AC 0
D AC 1
C Pn O utput
(Port I/O )
SFR's
(D ata
and
Cntrl)
C R O SS BAR
3 C om parators
C om parator inputs
Port 2.[7:2]
(C 8051F040/1/2/3 only)
(C 8051F040/1/2/3 only)


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com