Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 39 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 38Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 39Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 40Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 41Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 42Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
39
P1.0/AIN2.0/A8
36
29
A In
D I/O
ADC1 Input Channel 0 (See ADC1 Specification for com-
plete description).
Bit 8 External Memory Address bus (Non-multiplexed
mode)
Port 1.0
See Port Input/Output section for complete description.
P1.1/AIN2.1/A9
35
28
A In
D I/O
Port 1.1. See Port Input/Output section for complete
description.
P1.2/AIN2.2/
A10
34
27
A In
D I/O
Port 1.2. See Port Input/Output section for complete
description.
P1.3/AIN2.3/
A11
33
26
A In
D I/O
Port 1.3. See Port Input/Output section for complete
description.
P1.4/AIN2.4/
A12
32
23
A In
D I/O
Port 1.4. See Port Input/Output section for complete
description.
P1.5/AIN2.5/
A13
31
22
A In
D I/O
Port 1.5. See Port Input/Output section for complete
description.
P1.6/AIN2.6/
A14
30
21
A In
D I/O
Port 1.6. See Port Input/Output section for complete
description.
P1.7/AIN2.7/
A15
29
20
A In
D I/O
Port 1.7. See Port Input/Output section for complete
description.
P2.0/A8m/A0
46
37
D I/O
Bit 8 External Memory Address bus (Multiplexed mode)
Bit 0 External Memory Address bus (Non-multiplexed
mode) Port 2.0
See Port Input/Output section for complete description.
P2.1/A9m/A1
45
36
D I/O
Port 2.1. See Port Input/Output section for complete
description.
P2.2/A10m/A2
44
35
D I/O
Port 2.2. See Port Input/Output section for complete
description.
P2.3/A11m/A3
43
34
D I/O
Port 2.3. See Port Input/Output section for complete
description.
P2.4/A12m/A4
42
33
D I/O
Port 2.4. See Port Input/Output section for complete
description.
P2.5/A13m/A5
41
32
D I/O
Port 2.5. See Port Input/Output section for complete
description.
P2.6/A14m/A6
40
31
D I/O
Port 2.6. See Port Input/Output section for complete
description.
P2.7/A15m/A7
39
30
D I/O
Port 2.7. See Port Input/Output section for complete
description.
Table 4.1. Pin Definitions (Continued)
Name
Pin Numbers
Type
Description
F040/2/4/6 F041/3/5/7


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com