Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 41 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 38Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 39Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 40Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 41Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 42Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 43Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 44Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
41
P4.4
94
D I/O
Port 4.4. See Port Input/Output section for complete
description.
P4.5/ALE
93
D I/O
ALE Strobe for External Memory Address bus (multi-
plexed mode)
Port 4.5
See Port Input/Output section for complete description.
P4.6/RD
92
D I/O
/RD Strobe for External Memory Address bus
Port 4.6
See Port Input/Output section for complete description.
P4.7/WR
91
D I/O
/WR Strobe for External Memory Address bus
Port 4.7
See Port Input/Output section for complete description.
P5.0/A8
88
D I/O
Bit 8 External Memory Address bus (Non-multiplexed
mode)
Port 5.0
See Port Input/Output section for complete description.
P5.1/A9
87
D I/O
Port 5.1. See Port Input/Output section for complete
description.
P5.2/A10
86
D I/O
Port 5.2. See Port Input/Output section for complete
description.
P5.3/A11
85
D I/O
Port 5.3. See Port Input/Output section for complete
description.
P5.4/A12
84
D I/O
Port 5.4. See Port Input/Output section for complete
description.
P5.5/A13
83
D I/O
Port 5.5. See Port Input/Output section for complete
description.
P5.6/A14
82
D I/O
Port 5.6. See Port Input/Output section for complete
description.
P5.7/A15
81
D I/O
Port 5.7. See Port Input/Output section for complete
description.
P6.0/A8m/A0
80
D I/O
Bit 8 External Memory Address bus (Multiplexed mode)
Bit 0 External Memory Address bus (Non-multiplexed
mode)
Port 6.0
See Port Input/Output section for complete description.
P6.1/A9m/A1
79
D I/O
Port 6.1. See Port Input/Output section for complete
description.
P6.2/A10m/A2
78
D I/O
Port 6.2. See Port Input/Output section for complete
description.
P6.3/A11m/A3
77
D I/O
Port 6.3. See Port Input/Output section for complete
description.
Table 4.1. Pin Definitions (Continued)
Name
Pin Numbers
Type
Description
F040/2/4/6 F041/3/5/7


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com