Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 229 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 229 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 225Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 226Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 227Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 228Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 229Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 230Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 231Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 232Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 229
dsPIC33FJ12MC201/202
TABLE 24-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O pins
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
I/O Pins with OSC1 or SOSCI
VSS
—0.2 VDD
V
DI18
SDA, SCL
VSS
—
0.3 VDD
V
SMBus disabled
DI19
SDA, SCL
VSS
—
0.8
V
SMBus enabled
VIH
Input High Voltage(10)
DI20
I/O Pins Not 5V Tolerant(4)
I/O Pins 5V Tolerant(4)
0.7 VDD
0.7 VDD
—
—
VDD
5.5
V
V
DI21
I/O Pin with Schmitt Trigger
Input
0.7 VDD
—
0.8 VDD
V
DI25
MCLR
0.8 VDD
—VDD
V
DI26
OSC1 (in XT, HS, and LP
modes)
0.7 VDD
—VDD
V
DI27
OSC1 (in RC mode)
0.9 VDD
—VDD
V
DI28
SDAx, SCLx
0.7 VDD
—VDD
V
SMBus disabled
DI29
SDAx, SCLx
2.1
—
VDD
V
SMBus enabled
ICNPU
CNx Pull-up Current
DI30
50
250
400
μAVDD = 3.3V, VPIN = VSS
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
See “Pin Diagrams” for a list of 5V tolerant pins.
5:
VIL source < (VSS – 0.3). Characterized but not tested.
6:
Non-5V tolerant pins VIH source > (VDD + 0.3), 5V tolerant pins VIH source > 5.5V. Characterized but not
tested.
7:
Digital 5V tolerant pins cannot tolerate any “positive” input injection current from input sources > 5.5V.
8:
Injection currents > | 0 | can affect the ADC results by approximately 4-6 counts.
9:
Any number and/or combination of I/O pins not excluded under IICL or IICH conditions are permitted pro-
vided the mathematical “absolute instantaneous” sum of the input injection currents from all pins do not
exceed the specified limit. Characterized but not tested.
10:
These parameters are characterized, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com