Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 240 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 240 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 236Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 237Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 238Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 239Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 240Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 241Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 242Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 243Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 240
© 2007-2011 Microchip Technology Inc.
FIGURE 24-5:
TIMER1, 2, 3 AND 4 EXTERNAL CLOCK TIMING CHARACTERISTICS
TABLE 24-22: TIMER1 EXTERNAL CLOCK TIMING REQUIREMENTS(1)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
TA10
TTXH
TxCK High Time
Synchronous,
no prescaler
TCY + 20
—
—
ns
Must also meet
parameter TA15.
N = prescale
value
(1, 8, 64, 256)
Synchronous,
with prescaler
(TCY + 20)/N
—
—
ns
Asynchronous
20
—
—
ns
TA11
TTXL
TxCK Low Time
Synchronous,
no prescaler
(TCY + 20)
—
—
ns
Must also meet
parameter TA15.
N = prescale
value
(1, 8, 64, 256)
Synchronous,
with prescaler
(TCY + 20)/N
—
—
ns
Asynchronous
20
—
—
ns
TA15
TTXP
TxCK Input
Period
Synchronous,
no prescaler
2 TCY + 40
—
—
ns
—
Synchronous,
with prescaler
Greater of:
40 ns or
(2 TCY + 40)/
N
—
—
—
N = prescale
value
(1, 8, 64, 256)
Asynchronous
40
—
—
ns
—
OS60
Ft1
SOSCI/T1CK Oscillator Input
frequency Range (oscillator
enabled by setting bit TCS
(T1CON<1>))
DC
—
50
kHz
—
TA20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.75 TCY +
40
1.75 TCY +
40
——
Note 1:
Timer1 is a Type A.
Note:
Refer to Figure 24-1 for load conditions.
Tx11
Tx15
Tx10
Tx20
TMRx
OS60
TxCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com