Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12OSCV2D Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # S12OSCV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12OSCV2D Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button S12OSCV2D Datasheet HTML 97Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 98Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 99Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 100Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 101Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 102Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 103Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 104Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
101
A.3.2 NVM Reliability
The reliability of the NVM blocks is guaranteed by stress test during qualification, constant process
monitors and burn-in to screen early life failures.
The failure rates for data retention and program/erase cycling are specified at the operating conditions
noted.
The program/erase cycle count on the sector is incremented every time a sector or mass erase event is
executed.
Table A-12 NVM Reliability Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1C
Data Retention at an average junction temperature of
TJavg = 70°C
tNVMRET
15
Years
2
C Flash number of Program/Erase cycles
nFLPE
10,000
Cycles
3C
EEPROM number of Program/Erase cycles
(–40
°C
≤ T
J ≤ 0°C)
nEEPE
10,000
Cycles
4C
EEPROM number of Program/Erase cycles
(0
°C < T
J ≤ 140°C)
nEEPE
100,000
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com