Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12OSCV2D Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # S12OSCV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12OSCV2D Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button S12OSCV2D Datasheet HTML 103Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 104Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 105Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 106Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 107Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 108Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 109Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 110Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
107
A.5.3 Phase Locked Loop
The oscillator provides the reference clock for the PLL. The PLL´s Voltage Controlled Oscillator (VCO)
is also the system clock source in self clock mode.
A.5.3.1 XFC Component Selection
This section describes the selection of the XFC components to achieve a good filter characteristics.
Figure A-2 Basic PLL functional diagram
The following procedure can be used to calculate the resistance and capacitance values using typical
values for K1, f1 and ich from Table A-16.
The grey boxes show the calculation for fVCO = 50MHz and fref = 1MHz. E.g., these frequencies are used
for fOSC = 4MHz and a 25MHz bus clock.
The VCO Gain at the desired VCO frequency is approximated by:
NOTES:
1. Depending on the crystal a damping series resistor might be necessary
2. fosc = 4MHz, C = 22pF.
3. Maximum value is for extreme cases using high Q, low frequency crystals
4. Only valid if Pierce oscillator/external clock mode is selected
fosc
1
refdv+1
fref
Phase
Detector
VCO
KV
1
synr+1
fvco
Loop Divider
KΦ
1
2
∆
fcmp
Cs
R
Cp
VDDPLL
XFC Pin
K
V
K
1 e
f
1
f
vco
–
()
K
1
1V
⋅
-----------------------
⋅
=
100
–
e
60
50
–
()
100
–
------------------------
⋅
=
= -90.48MHz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com