Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-ESSQTP Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F883-ESSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSQTP Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F883-ESSQTP Datasheet HTML 98Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 99Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 100Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 101Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 102Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 103Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 104Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 105Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 338 page
background image
PIC16F882/883/884/886/887
DS41291G-page 102
 2006-2012 Microchip Technology Inc.
REGISTER DEFINITIONS: VOLTAGE REFERENCE CONTROL
TABLE 8-3:
SUMMARY OF REGISTERS ASSOCIATED WITH THE COMPARATOR AND VOLTAGE
REFERENCE MODULES
REGISTER 8-5:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
VROE
VRR
VRSS
VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VREN: Comparator C1 Voltage Reference Enable bit
1 =CVREF circuit powered on
0 =CVREF circuit powered down
bit 6
VROE: Comparator C2 Voltage Reference Enable bit
1 = CVREF voltage level is also output on the RA2/AN2/VREF-/CVREF/C2IN+ pin
0 = CVREF voltage is disconnected from the RA2/AN2/VREF-/CVREF/C2IN+ pin
bit 5
VRR: CVREF Range Selection bit
1 = Low range
0 = High range
bit 4
VRSS: Comparator VREF Range Selection bit
1 = Comparator Reference Source, CVRSRC = (VREF+) - (VREF-)
0 = Comparator Reference Source, CVRSRC = VDD - VSS
bit 3-0
VR<3:0>: CVREF Value Selection 0
 VR<3:0>  15
When VRR = 1: CVREF = (VR<3:0>/24) * VDD
When VRR = 0: CVREF = VDD/4 + (VR<3:0>/32) * VDD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
42
ANSELH
—
—
ANS13
ANS12
ANS11
ANS10
ANS9
ANS8
50
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
93
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
94
CM2CON1
MC1OUT MC2OUT C1RSEL C2RSEL
—
—
T1GSS
C2SYNC
96
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
33
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
ULPWUIE
—
CCP2IE
35
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
ULPWUIF
—
CCP2IF
37
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
41
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
50
SRCON
SR1
SR0
C1SEN
C2SEN
PULSS
PULSR
—
FVREN
98
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
41
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
50
VRCON
VREN
VROE
VRR
VRSS
VR3
VR2
VR1
VR0
102
Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used for comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com