Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC304IMM Datasheet(PDF) 202 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 202 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 198Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 199Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 200Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 201Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 202Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 203Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 204Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 205Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 202
© 2007-2012 Microchip Technology Inc.
FIGURE 20-3:
ADC CONVERSION CLOCK PERIOD BLOCK DIAGRAM
20.3
ADC Helpful Tips
1.
The SMPI<3:0> (AD1CON2<5:2>) control bits:
a) Determine when the ADC interrupt flag is
set and an interrupt is generated if enabled.
b) When the CSCNA bit (AD1CON2<10>) is
set to ‘1’, determines when the ADC analog
scan
channel
list
defined
in
the
AD1CSSL/AD1CSSH registers starts over
from the beginning.
c)
On devices without a DMA peripheral,
determines when ADC result buffer pointer
to ADC1BUF0-ADC1BUFF, gets reset back
to the beginning at ADC1BUF0.
2.
On devices without a DMA module, the ADC has
16 result buffers. ADC conversion results are
stored sequentially in ADC1BUF0-ADC1BUFF
regardless of which analog inputs are being
used
subject
to
the
SMPI<3:0>
bits
(AD1CON2<5:2>) and the condition described
in 1c above. There is no relationship between
the ANx input being measured and which ADC
buffer
(ADC1BUF0-ADC1BUFF)
that
the
conversion results will be placed in.
3.
On devices with a DMA module, the ADC mod-
ule has only 1 ADC result buffer, (i.e.,
ADC1BUF0), per ADC peripheral and the ADC
conversion result must be read either by the
CPU or DMA controller before the next ADC
conversion is complete to avoid overwriting the
previous value.
4.
The DONE bit (AD1CON1<0>) is only cleared at
the start of each conversion and is set at the
completion of the conversion, but remains set
indefinitely even through the next sample phase
until the next conversion begins. If application
code is monitoring the DONE bit in any kind of
software loop, the user must consider this
behavior because the CPU code execution is
faster than the ADC. As a result, in manual sam-
ple mode, particularly where the users code is
setting the SAMP bit (AD1CON1<1>), the
DONE bit should also be cleared by the user
application just before setting the SAMP bit.
5.
On devices with two ADC modules, the
ADCxPCFG registers for both ADC modules
must be set to a logic ‘1’ to configure a target
I/O pin as a digital I/O pin. Failure to do so
means that any alternate digital input function
will always see only a logic ‘0’ as the digital
input buffer is held in Disable mode.
20.4
ADC Resources
Many useful resources are provided on the main prod-
uct page of the Microchip web site for the devices listed
in this data sheet. This product page, which can be
accessed using this link, contains the latest updates
and additional information.
20.4.1
KEY RESOURCES
• Section 16. “Analog-to-Digital Converter
(ADC)” (DS70183)
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All related dsPIC33F/PIC24H Family Reference
Manuals Sections
• Development Tools
0
1
ADC Internal
RC Clock(2)
TOSC(1)
X
2
ADC Conversion
Clock Multiplier
1, 2, 3, 4, 5,..., 64
AD1CON3<15>
TCY
TAD
6
AD1CON3<5:0>
Note 1: Refer to Figure 8-2 for the derivation of FOSC when the PLL is enabled. If the PLL is not used, FOSC is equal
to the clock frequency. TOSC = 1/FOSC.
2: See the ADC Electrical Characteristics for the exact RC clock value.
Note:
In the event you are not able to access
the product page using the link above,
enter
this
URL
in
your
browser:
http://www.microchip.com/wwwproducts/
Devices.aspx?dDocName=en530334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com