Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC304IMM Datasheet(PDF) 211 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 211 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 207Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 208Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 209Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 210Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 211Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 212Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 213Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 214Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 211
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
21.0 SPECIAL FEATURES
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices include several features intended to maximize
application flexibility and reliability, and minimize cost
through elimination of external components. These are:
• Flexible configuration
• Watchdog Timer (WDT)
• Code Protection and CodeGuard™ Security
• JTAG Boundary Scan Interface
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit emulation
21.1
Configuration Bits
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices provide nonvolatile memory implementation
for device configuration bits. Refer to Section 25.
“Device
Configuration”
(DS70194)
of
the
“dsPIC33F/PIC24H Family Reference Manual”, for
more information on this implementation.
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’), to select
various device configurations. These bits are mapped
starting at program memory location 0xF80000.
The individual Configuration bit descriptions for the
Configuration registers are shown in Table 21-2.
Note that address 0xF80000 is beyond the user program
memory space. It belongs to the configuration memory
space (0x800000-0xFFFFFF), which can only be
accessed using table reads and table writes.
The Device Configuration register map is shown in
Table 21-1.
Note:
This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 devices. It is not
intended to be a comprehensive refer-
ence source. To complement the informa-
tion in this data sheet, refer to the
“dsPIC33F/PIC24H
Family
Reference
Manual”. Please see the Microchip web
site (www.microchip.com) for the latest
dsPIC33F/PIC24H
Family
Reference
Manual sections.
TABLE 21-1:
DEVICE CONFIGURATION REGISTER MAP
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0xF80000 FBS
—
—
—
—
BSS<2:0>
BWRP
0xF80002 RESERVED
—
—
—
—
—
—
—
—
0xF80004 FGS
—
—
—
—
—
GSS<1:0>
GWRP
0xF80006 FOSCSEL
IESO
—
—
—FNOSC<2:0>
0xF80008 FOSC
FCKSM<1:0>
IOL1WAY
—
—
OSCIOFNC POSCMD<1:0>
0xF8000A FWDT
FWDTEN WINDIS
—
WDTPRE
WDTPOST<3:0>
0xF8000C FPOR
PWMPIN
HPOL
LPOL
ALTI2C
—FPWRT<2:0>
0xF8000E FICD
Reserved(1)
JTAGEN
—
—
—ICS<1:0>
0xF80010 FUID0
User Unit ID Byte 0
0xF80012 FUID1
User Unit ID Byte 1
0xF80014 FUID2
User Unit ID Byte 2
0xF80016 FUID3
User Unit ID Byte 3
Legend: — = unimplemented bit, read as ‘0’.
Note 1: These bits are reserved for use by development tools and must be programmed as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com