Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC304IMM Datasheet(PDF) 231 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 231 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 227Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 228Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 229Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 230Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 231Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 232Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 233Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 234Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 231
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
24.0 ELECTRICAL CHARACTERISTICS
This section provides an overview of dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 electrical characteristics.
Additional information will be provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 family are listed below. Exposure
to these maximum rating conditions for extended periods may affect device reliability. Functional operation of the device
at these or any other conditions above the parameters indicated in the operation listings of this specification is not
implied.
Absolute Maximum Ratings(1)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +160°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any pin that is not 5V tolerant with respect to VSS(4) .................................................... -0.3V to (VDD + 0.3V)
Voltage on any 5V tolerant pin with respect to Vss when VDD
≥ 3.0V(4).................................................... -0.3V to +5.6V
Voltage on any 5V tolerant pin with respect to VSS when VDD < 3.0V(4)..................................................... -0.3V to 3.6V
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin(2)...........................................................................................................................250 mA
Maximum current sourced/sunk by any 2x I/O pin(3) ................................................................................................8 mA
Maximum current sourced/sunk by any 4x I/O pin(3) ..............................................................................................15 mA
Maximum current sourced/sunk by any 8x I/O pin(3) ..............................................................................................25 mA
Maximum current sunk by all ports .......................................................................................................................200 mA
Maximum current sourced by all ports(2)...............................................................................................................200 mA
Note 1: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
2: Maximum allowable current is a function of device maximum power dissipation (see Table 24-2).
3: Exceptions are CLKOUT, which is able to sink/source 25 mA, and the VREF+, VREF-, SCLx, SDAx, PGECx
and PGEDx pins, which are able to sink/source 12 mA.
4: Refer to the “Pin Diagrams” section for 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com