Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC304IMM Datasheet(PDF) 239 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 239 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 235Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 236Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 237Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 238Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 239Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 240Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 241Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 242Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 239
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
IIL
Input Leakage Current(2,3)
DI50
I/O Pins 5V Tolerant(4)
——
±2
μAVSS ≤VPIN ≤VDD,
Pin at high-impedance
DI51
I/O Pins Not 5V Tolerant(4)
——
±1
μAVSS ≤VPIN ≤VDD,
Pin at high-impedance,
-40°C
≤TA ≤+85°C
DI51a
I/O Pins Not 5V Tolerant(4)
——
±2
μA
Shared with external refer-
ence pins, -40°C
≤TA
≤+85°C
DI51b
I/O Pins Not 5V Tolerant(4)
——
±3.5
μAVSS ≤VPIN ≤VDD, Pin at
high-impedance,
-40°C
≤TA ≤+125°C
DI51c
I/O Pins Not 5V Tolerant(4)
——
±8
μA
Analog pins shared with
external reference pins,
-40°C
≤TA ≤+125°C
DI55
MCLR
——
±2
μAVSS ≤VPIN ≤VDD
DI56
OSC1
—
—
±2
μAVSS ≤VPIN ≤VDD,
XT and HS modes
TABLE 24-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.
4: See “Pin Diagrams” for a list of digital-only and analog pins.
5: VIL source < (VSS – 0.3). Characterized but not tested.
6: Non-5V tolerant pins VIH source > (VDD + 0.3), 5V tolerant pins VIH source > 5.5V. Characterized but not
tested.
7: Digital 5V tolerant pins cannot tolerate any “positive” input injection current from input sources > 5.5V.
8: Injection currents > | 0 | can affect the ADC results by approximately 4-6 counts.
9: Any number and/or combination of I/O pins not excluded under IICL or IICH conditions are permitted pro-
vided the mathematical “absolute instantaneous” sum of the input injection currents from all pins do not
exceed the specified limit. Characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com