Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC304IMM Datasheet(PDF) 252 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 252 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 248Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 249Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 250Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 251Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 252Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 253Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 254Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 255Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 252
© 2007-2012 Microchip Technology Inc.
FIGURE 24-6:
TIMERQ (QEI MODULE) EXTERNAL CLOCK TIMING CHARACTERISTICS
TQ11
TQ15
TQ10
TQ20
QEB
POSCNT
TABLE 24-25: QEI MODULE EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
TQ10
TtQH
TQCK High Time
Synchronous,
with prescaler
TCY + 20
—
—
ns
Must also meet
parameter TQ15
TQ11
TtQL
TQCK Low Time
Synchronous,
with prescaler
TCY + 20
—
—
ns
Must also meet
parameter TQ15
TQ15
TtQP
TQCP Input
Period
Synchronous,
with prescaler
2 * TCY + 40
—
—
ns
—
TQ20
TCKEXTMRL Delay from External TxCK Clock
Edge to Timer Increment
0.5 TCY
—
1.5 TCY
——
Note 1: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com