Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC304IMM Datasheet(PDF) 194 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 194 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 190Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 191Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 192Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 193Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 194Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 195Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 196Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 197Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 194
© 2007-2012 Microchip Technology Inc.
19.1
UART Helpful Tips
1.
In multi-node direct-connect UART networks,
UART
receive
inputs
react
to
the
complementary logic level defined by the
URXINV bit (UxMODE<4>), which defines the
idle state, the default of which is logic high, (i.e.,
URXINV = 0). Because remote devices do not
initialize at the same time, it is likely that one of
the devices, because the RX line is floating, will
trigger a start bit detection and will cause the
first byte received after the device has been ini-
tialized to be invalid. To avoid this situation, the
user should use a pull-up or pull-down resistor
on the RX pin depending on the value of the
URXINV bit.
a) If URXINV = 0, use a pull-up resistor on the
RX pin.
b) If URXINV = 1, use a pull-down resistor on
the RX pin.
2.
The first character received on a wake-up from
Sleep mode caused by activity on the UxRX pin
of the UART module will be invalid. In Sleep
mode, peripheral clocks are disabled. By the
time the oscillator system has restarted and
stabilized from Sleep mode, the baud rate bit
sampling clock relative to the incoming UxRX bit
timing is no longer synchronized, resulting in the
first character being invalid. This is to be
expected.
19.2
UART
Resources
Many useful resources are provided on the main prod-
uct page of the Microchip web site for the devices listed
in this data sheet. This product page, which can be
accessed using this link, contains the latest updates
and additional information.
19.2.1
KEY RESOURCES
• Section 17. “UART” (DS70188)
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All related dsPIC33F/PIC24H Family Reference
Manuals Sections
• Development Tools
Note:
In the event you are not able to access
the product page using the link above,
enter
this
URL
in
your
browser:
http://www.microchip.com/wwwproducts/
Devices.aspx?dDocName=en530334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com