Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC302EMM Datasheet(PDF) 119 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 119 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 115Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 116Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 117Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 118Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 119Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 120Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 121Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 122Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 119
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
10.6
Peripheral Pin Select
Peripheral pin select configuration enables peripheral
set selection and placement on a wide range of I/O
pins. By increasing the pinout options available on a
particular device, programmers can better tailor the
microcontroller to their entire application, rather than
trimming the application to fit the device.
The peripheral pin select configuration feature
operates over a fixed subset of digital I/O pins.
Programmers can independently map the input and/or
output of most digital peripherals to any one of these
I/O pins. Peripheral pin select is performed in software,
and generally does not require the device to be
reprogrammed. Hardware safeguards are included that
prevent accidental or spurious changes to the
peripheral mapping, once it has been established.
10.6.1
AVAILABLE PINS
The peripheral pin select feature is used with a range
of up to 26 pins. The number of available pins depends
on the particular device and its pin count. Pins that
support the peripheral pin select feature include the
designation “RPn” in their full pin designation, where
“RP” designates a remappable peripheral and “n” is the
remappable pin number.
10.6.2
CONTROLLING PERIPHERAL PIN
SELECT
Peripheral pin select features are controlled through
two sets of special function registers: one to map
peripheral inputs, and one to map outputs. Because
they are separately controlled, a particular peripheral’s
input and output (if the peripheral has both) can be
placed on any selectable function pin without
constraint.
The association of a peripheral to a peripheral
selectable pin is handled in two different ways,
depending on whether an input or output is being
mapped.
10.6.2.1
Input Mapping
The inputs of the peripheral pin select options are
mapped on the basis of the peripheral. A control
register associated with a peripheral dictates the pin it
will be mapped to. The RPINRx registers are used to
configure peripheral input mapping (see Register 10-1
through Register 10-13). Each register contains sets of
5-bit fields, with each set associated with one of the
remappable
peripherals.
Programming
a
given
peripheral’s bit field with an appropriate 5-bit value
maps the RPn pin with that value to that peripheral. For
any given device, the valid range of values for any bit
field corresponds to the maximum number of peripheral
pin selections supported by the device.
Figure 10-2 illustrates remappable pin selection for
U1RX input.
FIGURE 10-2:
REMAPPABLE MUX
INPUT FOR U1RX
Note:
For input mapping only, the Peripheral Pin
Select (PPS) functionality does not have
priority over the TRISx settings. There-
fore, when configuring the RPn pin for
input, the corresponding bit in the TRISx
register must also be configured for input
(i.e., set to ‘1’).
RP0
RP1
RP2
RP25
0
25
1
2
U1RX input
U1RXR<4:0>
to peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com