Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC302EMM Datasheet(PDF) 147 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 147 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 143Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 144Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 145Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 146Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 147Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 148Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 149Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 150Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 147
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
12.0 TIMER2/3 FEATURE
The Timer2/3 feature has three 2-bit timers that can
also be configured as two independent 16-bit timers
with selectable operating modes.
As a 32-bit timer, the Timer2/3 feature permits
operation in three modes:
• Two Independent 16-bit timers (e.g., Timer2 and
Timer3) with all 16-bit operating modes (except
Asynchronous Counter mode)
• Single 32-bit timer (Timer2/3)
• Single 32-bit synchronous counter (Timer2/3)
The Timer2/3 feature also supports:
• Timer gate operation
• Selectable prescaler settings
• Timer operation during Idle and Sleep modes
• Interrupt on a 32-bit period register match
• Time base for Input Capture and Output Compare
modules (Timer2 and Timer3 only)
• ADC1 event trigger (Timer2/3 only)
Individually, all eight of the 16-bit timers can function as
synchronous timers or counters. They also offer the
features listed above, except for the event trigger. The
operating modes and enabled features are determined
by setting the appropriate bit(s) in the T2CON, T3CON
registers. T2CON registers are shown in generic form
in Register 12-1. T3CON registers are shown in
Register 12-2.
For 32-bit timer/counter operation, Timer2 is the least
significant word (lsw), and Timer3 is the most
significant word (msw) of the 32-bit timers.
12.1
32-bit Operation
To configure the Timer2/3 feature timers for 32-bit
operation:
1.
Set the T32 control bit.
2.
Select the prescaler ratio for Timer2 using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the
corresponding TCS and TGATE bits.
4.
Load the timer period value. PR3 contains the
most significant word of the value, while PR2
contains the least significant word.
5.
If interrupts are required, set the interrupt enable
bit, T3IE. Use the priority bits, T3IP<2:0>, to set
the interrupt priority. While Timer2 controls the
timer, the interrupt appears as a Timer3
interrupt.
6.
Set the corresponding TON bit.
The timer value at any point is stored in the register
pair, TMR3:TMR2, which always contains the most sig-
nificant word of the count, while TMR2 contains the
least significant word.
12.2
16-bit Operation
To configure any of the timers for individual 16-bit
operation:
1.
Clear the T32 bit corresponding to that timer.
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Load the timer period value into the PRx
register.
5.
If interrupts are required, set the interrupt enable
bit, TxIE. Use the priority bits, TxIP<2:0>, to set
the interrupt priority.
6.
Set the TON bit.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 11. “Timers” (DS70205) of the
“dsPIC33F/PIC24H Family Reference
Manual”, which is available from the
Microchip web site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
For 32-bit operation, T3CON control bits
are ignored. Only T2CON control bits are
used for setup and control. Timer2 clock
and gate inputs are used for the 32-bit
timer modules, but an interrupt is
generated with the Timer3 interrupt flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com