Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC302EMM Datasheet(PDF) 155 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 155 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 151Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 152Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 153Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 154Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 155Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 156Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 157Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 158Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 155
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
14.0 OUTPUT COMPARE
The Output Compare module can select either Timer2
or Timer3 for its time base. The module compares the
value of the timer with the value of one or two compare
registers depending on the operating mode selected.
The state of the output pin changes when the timer
value matches the compare register value. The Output
Compare module generates either a single output
pulse or a sequence of output pulses, by changing the
state of the output pin on the compare match events.
The Output Compare module can also generate
interrupts on compare match events.
The Output Compare module has multiple operating
modes:
• Active-Low One-Shot mode
• Active-High One-Shot mode
• Toggle mode
• Delayed One-Shot mode
• Continuous Pulse mode
• PWM mode without fault protection
• PWM mode with fault protection
FIGURE 14-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to
Section
13.
“Output
Compare”
(DS70209) of the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
OCxR
Comparator
Output
Logic
OCM<2:0>
OCx
Set Flag bit
OCxIF
OCxRS
Mode Select
3
0
1
OCTSEL
0
1
16
16
OCFA
TMR2
TMR2
Q
S
R
TMR3
TMR3
Rollover
Rollover
Output
Logic
Output
Enable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com