Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJMC204HMM Datasheet(PDF) 159 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 159 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 155Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 156Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 157Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 158Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 159Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 160Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 161Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 162Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 159
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
15.0 MOTOR CONTROL PWM
MODULE
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
device supports up to two dedicated Pulse-Width
Modulation (PWM) modules. The PWM1 module is a
6-channel PWM generator, and the PWM2 module is a
2-channel PWM generator.
The PWM module has the following features:
• Up to 16-bit resolution.
• On-the-fly PWM frequency changes.
• Edge and Center-Aligned Output modes.
• Single Pulse Generation mode.
• Interrupt support for asymmetrical updates in
Center-Aligned mode.
• Output override control for Electrically
Commutative Motor (ECM) operation or BLDC.
• Special Event comparator for scheduling other
peripheral events.
• Fault pins to optionally drive each of the PWM
output pins to a defined state.
Duty cycle updates configurable to be immediate or
synchronized to the PWM time base.
15.1
PWM1: 6-Channel PWM Module
This module simplifies the task of generating multiple
synchronized PWM outputs. The following power and
motion control applications are supported by the PWM
module:
• 3-Phase AC Induction Motor
• Switched Reluctance (SR) Motor
• Brushless DC (BLDC) Motor
• Uninterruptible Power Supply (UPS)
This module contains three duty cycle generators,
numbered 1 through 3. The module has six PWM
output pins, numbered PWM1H1/PWM1L1 through
PWM1H3/PWM1L3. The six I/O pins are grouped into
high/low numbered pairs, denoted by the suffix H or L,
respectively. For complementary loads, the low PWM
pins are always the complement of the corresponding
high I/O pin.
15.2
PWM2: 2-Channel PWM Module
This
module
provides
an
additional
pair
of
complimentary PWM outputs that can be used for:
• Independent PFC correction in a motor system
• Induction cooking
This module contains a duty cycle generator that
provides
two
PWM
outputs,
numbered
PWM2H1/PWM2L1.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 14. “Motor Control PWM”
(DS70187) of the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com